Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT30 Datasheet(PDF) 3 Page - 3M Electronics

Part # FVT30
Description  3M™ Durable Tire Label Material FVT30
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FVT30 Datasheet(HTML) 3 Page - 3M Electronics

  FVT30 Datasheet HTML 1Page - 3M Electronics FVT30 Datasheet HTML 2Page - 3M Electronics FVT30 Datasheet HTML 3Page - 3M Electronics FVT30 Datasheet HTML 4Page - 3M Electronics FVT30 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Durable Tire Label Material FVT30
Typical Performance Characteristics (continued)
Property Values
Method
Environmental
Condition
Substrate
Notes
Temp C
Temp
F
180°
Peel
Adhesion
7.04 N/cm
TLMI
52%RH
Stainless
Steel
12 in/min (300 mm/min)
180°
Peel
Adhesion
64 oz/in
TLMI
52%RH
Stainless
Steel
12 in/min (300 mm/min)
22C
72F
Loop
Tack
7.04 N/cm
64 oz/in
TLMI
12 in/min, 1 in wide sample
Shear
Adhesion
1 hr
TLMI
1.0 in² x 1000g
Liner
Release
15 to 90
g/2 in
TLMI
180° removal, 300 in/min
Available Sizes
Packaging
All nished rolls must be loosely wound, properly stored, not tightly banded and shipped expeditiously to avoid any ooze issues between converting and the end use of
the material.
Environmental Resistance
Do not use this adhesive in applications where the label will be exposed to outdoor environments or water.
Handling/Application Information
Application Ideas
• Tire tread label applications
• Interior labels adhering to brick or cement surfaces
Application Techniques
• The liner release has not been optimized for auto applied or auto dispensed applications. This material can only be hand applied.
• For maximum bond strength, surface should be clean and dry. A typical cleaning solvent is heptane or isopropyl alcohol.
Note: Consult the manufacturer’s MSDS for proper handling and storage of solvents. For best conditions, application surface should be at room temperature or higher.
Low temperature surfaces (below 10°F [-12°C]) can cause the adhesive to become so rm that it will not develop maximum contact with the substrate. Higher initial
bonds are achieved through increased rub down pressure.
Printing
The preferred print method for all tire materials is exographic printing. If utilizing thermal transfer, be sure that the rolls have been properly stored, butt cut, pattern
coated, and loosely wound to reduce adhesive ooze through the printer.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com