Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT30 Datasheet(PDF) 2 Page - 3M Electronics

Part # FVT30
Description  3M™ Durable Tire Label Material FVT30
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FVT30 Datasheet(HTML) 2 Page - 3M Electronics

  FVT30 Datasheet HTML 1Page - 3M Electronics FVT30 Datasheet HTML 2Page - 3M Electronics FVT30 Datasheet HTML 3Page - 3M Electronics FVT30 Datasheet HTML 4Page - 3M Electronics FVT30 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Durable Tire Label Material FVT30
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Construction Tested
Adhesion properties determined per TLMI Method using 1.0 mil polyester with 1.5 mils of adhesive on a stainless steel panel.
Typical Physical Properties
Property
Values
Facestock
Soft White Vinyl TC2
Facestock Thickness
0.089 mm
3.5 mil
Adhesive
G1120 Tire 30
Liner
50# SC Remoist – 20 1.4
Convertability
The extremely high tack and severe ow properties
make 3M™ Tire Tread Adhesive G1120 an excellent
choice for labeling tire and other rubber surfaces.
However, this adhesive is prone to adhesive ooze and
processing issues. Please contact your local 3M Sales
Representative for information on speci c handling of
rubber adhesives.
Adhesive Coat Weight
3.0 g/100 in²
Note
Calipers are nominal values
Typical Performance Characteristics
Table continued on next page
Property Values
Method
Environmental
Condition
Substrate
Notes
Temp C
Temp
F
Service
Temperature
Range
-29 to 60
°C
-20 to 140
°F
Application
Temperature
5 to 49 °C
40 to 120
°F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com