Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP620NS Datasheet(PDF) 4 Page - 3M Electronics

Part # DP620NS
Description  3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP620NS Datasheet(HTML) 4 Page - 3M Electronics

  DP620NS Datasheet HTML 1Page - 3M Electronics DP620NS Datasheet HTML 2Page - 3M Electronics DP620NS Datasheet HTML 3Page - 3M Electronics DP620NS Datasheet HTML 4Page - 3M Electronics DP620NS Datasheet HTML 5Page - 3M Electronics DP620NS Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black
Handling/Application Information
Application Ideas
• Prototype building
• Bonding of dis-similar substrates
• As a combination structural adhesive and sealant in construction applications
• General bonding and sealing (structural sealing)
Directions for Use
3M™ Scotch-Weld™ Urethane Adhesive DP620NS is supplied in dual syringe plastic duo- pak cartridges as part of the 3M™ EPX™ Applicator System. The duo-pak
cartridges are supplied in 48.5 ml con guration. To use the EPX cartridge system simply insert the duo-pak cartridge into the EPX applicator. Next, remove the duo-
pak cartridge cap and expel a small amount of adhesive to be sure both sides of the duo-pak cartridge are owing evenly and freely. If simultaneous mixing of Part A
and Part B is desired, attach the EPX mixing nozzle to the duo-pak cartridge and begin dispensing the adhesive.
When mixing Part A and Part B manually the components must be mixed in the ratio indicated in the typical uncured properties section of this data sheet. Complete
mixing of the two components is required to obtain optimum properties.
Two-part mixing/proportioning/dispensing equipment is available for intermittent or production line use. These systems are ideal for line uses because of their variable
shot size and ow rate characteristics and are adaptable to most applications.
Apply adhesive to clean, dry surfaces, joint parts and secure until adhesive sets.
Surface Preparation
The following surface preparations were used for substrates described in this Technical Data Sheet.
A. Aluminum Etch
Optimized FPL Etch - 3M (test method C-2803)
1. Alkaline degrease – Oakite 164 solution (9-11 oz./gallon water) at 190°F ± 10°F (88°C ± 5°C) for 10-20 minutes. Rinse immediately in large quantities of cold running
water (3M test method C-2802).
2. Optimized FPL Etch Solution (1 liter):
Material Amount
Distilled Water 700 ml plus balance of liter (see below)
Sodium Dichromate 28 to 67.3 grams
Sulfuric Acid 287.9 to 310.0 grams
Aluminum Chips 1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of distilled water. Add sulfuric acid and mix well. Add additional distilled water to ll to 1 liter.
Heat mixed solution to 66 to 71°C (150 to 160°F).
Dissolve1.5 grams of 2024 bare aluminum chips per liter of mixed solution. Gentle agitation will help aluminum dissolve in about 24 hours.
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to 71°C) for 12 to 15 minutes.
Note: Review and follow precautionary information provided by chemical suppliers prior to preparation of this etch solution.
Rinse immediately in large quantities of clear running tap water.
Dry – air dry approximately 15 minutes followed by force dry at 140°F (60°C) maximum for 10 minutes (minimum).
3. Both surface structure and chemistry play a signi cant role in determining the strength and permanence of bonded structures. It is therefore advisable to bond or
prime freshly primed clean surfaces as soon as possible after surface preparation in order to avoid contamination and/or mechanical damage. Please contact your 3M
sales representative for primer recommendations.
B. Oakite Degrease
Oakite 164 solutions (9-11 oz./gallon of water) at 190°F ± 10°F (88°C ± 5°C) for 2 minutes. Rinse immediately in large quantities of cold running water.
C. MEK/Abrade/MEK
Wipe surface with a methyl ethyl ketone (MEK) soaked swab, abrade and wipe with a MEK soaked swab.* Allow solvent to evaporate before applying adhesive.
D. Isopropyl Alcohol Wipe Only Surface Preparation
Wipe surface with an isopropyl alcohol soaked swab.* Allow solvent to evaporate before applying adhesive.
E. Isopropyl Alcohol/Abrade/Isopropyl Alcohol Surface Preparation
Wipe surface with an isopropyl alcohol soaked swab, abrade using clean ne grit abrasives, and wipe with an isopropyl alcohol soaked swab.* Then allow solvent to
evaporate before applying adhesive.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and follow the manufacturer’s precautions and directions for use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com