Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP620NS Datasheet(PDF) 3 Page - 3M Electronics

Part # DP620NS
Description  3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP620NS Datasheet(HTML) 3 Page - 3M Electronics

  DP620NS Datasheet HTML 1Page - 3M Electronics DP620NS Datasheet HTML 2Page - 3M Electronics DP620NS Datasheet HTML 3Page - 3M Electronics DP620NS Datasheet HTML 4Page - 3M Electronics DP620NS Datasheet HTML 5Page - 3M Electronics DP620NS Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black
Typical Cured Characteristics (continued)
Property
Values
Method
Test Condition
Dwell/Cure Time
Temperature Range
-60 to 250 °F
-51 to 121 °C
Continuous
Shore D Hardness
50
ASTM D2240
60 min @ Room
Temperature
Typical Physical Properties
Color: Black
Conditions
Attribute Modi er: Cured
Typical Performance Characteristics
Bell Peel: 30 lb/in width
Conditions
Test Condition : Room Temperature
Substrate: Aluminum
Substrate Notes: 0.025in thick; 0.064in bondline
Methods
ASTM D3167
Additional Information
Notes: Bell peel strengths were measured on 1 in. wide bonds at the temperatures noted. The testing jaw separation rate was 6 in. per minute. The bonds were made
with 0.064 in. bonded to 0.025 in. thick adherends.
Overlap Shear Strength
Substrate
Surface Preparation
2880 lb/in²
Aluminum
MEK/Abrade/MEK
1700 lb/in²
Cold Rolled Steel
MEK/Abrade/MEK
630 lb/in²
ABS
IPA Wipe/Abrade/IPA Wipe
480 lb/in²
Polyvinyl chloride (PVC)
IPA Wipe/Abrade/IPA Wipe
430 lb/in²
Polycarbonate (PC)
IPA Wipe/Abrade/IPA Wipe
400 lb/in²
Acrylic (PMMA)
700 lb/in²
Fiber-Reinforced Plastic
IPA Wipe/Abrade/IPA Wipe
Property: Overlap Shear Strength
Method: ASTM D1002
Dwell/Cure Time: 7
Dwell Time Units: days
Temp C: 23C
Temp F: 73F
Environmental Condition: 52%RH
Substrate Notes: 0.005-0.008in bondline
notes: Overlap shear (OLS) strengths were measured on 1 in. wide 1/2 in. overlap specimens. These bonds were made individually using 1 in. x 4 in. pieces of
substrate except for aluminum. Two panels 0.063 in. thick, 4 in. x 7 in. of 2024T-3 clad aluminum were bonded and cut into 1 in. wide samples after 24 hours. The
separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for plastics and 20 in. per minute for rubbers. The thickness of the substrates
were: steel, 0.060 in.; other metals, 0.05-0.064 in.; rubbers, 0.125 in.; plastics, 0.125 in. Cohesive Failure (CF), Adhesive Failure (AF), Substrate Failure (SF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com