Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP620NS Datasheet(PDF) 2 Page - 3M Electronics

Part # DP620NS
Description  3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP620NS Datasheet(HTML) 2 Page - 3M Electronics

  DP620NS Datasheet HTML 1Page - 3M Electronics DP620NS Datasheet HTML 2Page - 3M Electronics DP620NS Datasheet HTML 3Page - 3M Electronics DP620NS Datasheet HTML 4Page - 3M Electronics DP620NS Datasheet HTML 5Page - 3M Electronics DP620NS Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Uncured Physical Properties
Property
Values
Notes
Test Condition
Color
Black
Colors may vary from nearly white to
yellow/amber. Adhesive performance is not
a ected by color variation.
Base Color
Clear Yellowish
Accelerator Color
Opaque Black
Base Density
9.0 to 9.4 lb/gal
Accelerator Density
9.5 to 9.9 lb/gal
Base Viscosity
3000 to 6000 cP
Brook eld CP #52 @ 50 rpm
Room Temperature
Accelerator Viscosity
1000 to 5000 cP
Brook eld CP #52 @ 50 rpm
Room Temperature
Mix Ratio by Volume (B:A)
1:1
Mix Ratio by Weight (B:A)
1:1
Typical Mixed Physical Properties
Property
Values
Test Condition
Notes
Worklife, 10g mixed
20 min
@ Room Temperature, 10 g, 1/4"
thick
Time to Handling Strength
4 h
Room Temperature
Minimum time required to achieve 50 psi of
overlap shear strength. Cure times are
approximate and depend on adhesive
temperature.
Typical Cured Characteristics
Table continued on next page
Property
Values
Method
Test Condition
Dwell/Cure Time
Modulus
131000 lb/in²
ASTM D638
Room Temperature
Strain at Break
110 %
ASTM D638
Room Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com