Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF9903M Datasheet(PDF) 8 Page - Anachip Corp

Part # AF9903M
Description  2N and 2P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9903M Datasheet(HTML) 8 Page - Anachip Corp

  AF9903M Datasheet HTML 1Page - Anachip Corp AF9903M Datasheet HTML 2Page - Anachip Corp AF9903M Datasheet HTML 3Page - Anachip Corp AF9903M Datasheet HTML 4Page - Anachip Corp AF9903M Datasheet HTML 5Page - Anachip Corp AF9903M Datasheet HTML 6Page - Anachip Corp AF9903M Datasheet HTML 7Page - Anachip Corp AF9903M Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AF9903M
2N and 2P-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Seo 22, 2005
8/8
Marking Information
SO-8L
( Top View )
1
8
9 9 0 3 M
AA Y WX
Year code:
Part Number
Lot code:
Week code:
Factory code
"A~Z": 01~26;
"A~Z": 27~52
"4" =2004
"A~Z": 01~26;
"A~Z": 27~52
Logo
Package Information
Package Type: SO-8L
L
DETAIL A
D
8
76
5
1
23
4
e
B
θ
DETAIL A
1. All Dimensions Are in Millimeters.
2. Dimension Does Not Include Mold Protrusions.
Dimensions In Millimeters
Symbol
Min.
Nom.
Max.
A
1.35
1.55
1.75
A1
0.10
0.18
0.25
B
0.33
0.41
0.51
C
0.19
0.22
0.25
D
4.80
4.90
5.00
E
5.80
6.15
6.50
E1
3.80
3.90
4.00
L
0.38
0.71
1.27
θ
0
o
4
o
8
o
e
1.27 TYP.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com