Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF9903M Datasheet(PDF) 2 Page - Anachip Corp

Part # AF9903M
Description  2N and 2P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9903M Datasheet(HTML) 2 Page - Anachip Corp

  AF9903M Datasheet HTML 1Page - Anachip Corp AF9903M Datasheet HTML 2Page - Anachip Corp AF9903M Datasheet HTML 3Page - Anachip Corp AF9903M Datasheet HTML 4Page - Anachip Corp AF9903M Datasheet HTML 5Page - Anachip Corp AF9903M Datasheet HTML 6Page - Anachip Corp AF9903M Datasheet HTML 7Page - Anachip Corp AF9903M Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AF9903M
2N and 2P-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Seo 22, 2005
2/8
Absolute Maximum Ratings
Symbol
Parameter
N-Channel P-Channel
Units
VDS
Drain-Source Voltage
35
-35
VGS
Gate-Source Voltage
±20
±20
V
TA=25ºC
4.3
-3.6
ID
Continuous Drain Current (Note 1)
TA=70ºC
3.4
-2.8
A
IDM
Pulsed Drain Current (Note 2)
20
-20
A
Total Power Dissipation
TA=25ºC
1.38
W
PD
Linear Derating Factor
0.01
W/ºC
TSTG
Storage Temperature Range
-55 to 150
ºC
TJ
Operating Junction Temperature Range
-55 to 150
ºC
Thermal Data
Symbol
Parameter
Value
Units
RθJA
Thermal Resistance Junction-Ambient (Note 1)
Max.
90
ºC/W
Electrical Characteristics (T
J=25ºC unless otherwise specified)
Limits
Symbol
Parameter
Test Conditions
CH
Min.
Typ.
Max.
Unit
VGS=0V, ID=250uA
N
35
-
-
BVDSS
Drain-Source breakdown Voltage
VGS=0V, ID=-250uA
P
-35
-
-
V
Reference to 25 ºC,
ID=1mA
N
-
0.03
-
∆BVDSS/∆
TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25 ºC,
ID=-1mA
P
-
-0.02
-
V/ºC
VGS=10V, ID=4A
-
-
48
VGS=4.5V, ID=3A
N
-
-
70
VGS=-10V, ID=-3A
-
-
72
RDS(ON)
Static Drain-Source
On-Resistance (Note 3)
VGS=-4.5V, ID=-2A
P
-
-
100
mΩ
VDS= VGS, ID=250uA
N
1
-
3
VGS(th)
Gate-Threshold Voltage
VDS= VGS, ID=-250uA
P
-1
-
-3
V
VDS=10V, ID=4A
N
-
8
-
gfs
Forward Transconductance
VDS=-10V, ID=-3A
P
-
6
-
S
TJ=25ºC VDS=30V, VGS=0V
-
-
1
TJ=70ºC VDS=24V, VGS=0V
N
-
-
25
TJ=25ºC VDS=-30V, VGS=0V
-
-
-1
IDSS
Drain-Source Leakage
Current
TJ=70ºC VDS=-24V, VGS=0V
P
-
-
-25
uA
N
-
-
±100
IGSS
Gate-Source Leakage
VGS=±20V
P
-
-
±100
nA
N
-
6
10
Qg
Total Gate Charge (Note 3)
P
-
6
10
N
-
2
-
Qgs
Gate-Source Charge
P
-
1
-
N
-
3
-
Qgd
Gate-Drain (“Miller”) Charge
N-Channel
VDS=28V, VGS=4.5V
ID=4A
P-Channel
VDS=-28V, VGS=-4.5V
ID=-3A
P
-
3
-
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com