Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF9903M Datasheet(PDF) 3 Page - Anachip Corp

Part # AF9903M
Description  2N and 2P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9903M Datasheet(HTML) 3 Page - Anachip Corp

  AF9903M Datasheet HTML 1Page - Anachip Corp AF9903M Datasheet HTML 2Page - Anachip Corp AF9903M Datasheet HTML 3Page - Anachip Corp AF9903M Datasheet HTML 4Page - Anachip Corp AF9903M Datasheet HTML 5Page - Anachip Corp AF9903M Datasheet HTML 6Page - Anachip Corp AF9903M Datasheet HTML 7Page - Anachip Corp AF9903M Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AF9903M
2N and 2P-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Seo 22, 2005
3/8
Electrical Characteristics (T
J=25ºC unless otherwise specified)
Limits
Symbol
Parameter
Test Conditions
CH
Min.
Typ.
Max.
Unit
N
-
6
-
td(on)
Turn-On Delay Time (Note 3)
P
-
7
-
N
-
5
-
tr
Rise Time
P
-
5
-
N
-
14
-
td(off)
Turn-Off Delay Time
P
-
19
-
N
-
4
-
tf
Fall-Time
N-Channel
VDS=15V, VGS=10V
ID=1A, RG=3.3Ω,
RD=15Ω
P-Channel
VDS=-15V, VGS=-10V
ID=-1A, RG=3.3Ω,
RD=15Ω
P
-
4
-
ns
N
-
490
780
Ciss
Input Capacitance
P
-
420
1100
N
-
130
-
Coss
Output Capacitance
P
-
140
-
N
-
55
-
Crss
Reverse Transfer Capacitance
N-Channel
VGS=0V, VDS=25V
f=1.0MHz
P-Channel
VGS=0V, VDS=-25V
f=1.0MHz
P
-
65
-
pF
Source-Drain Diode
Limits
Symbol
Parameter
Test Conditions
CH
Min.
Typ.
Max.
Unit
IS=1.2A, VGS=0V
N
-
-
1.2
VSD
Forward On Voltage (Note 3)
IS=-1.2A, VGS=0V
P
-
-
-1.2
V
N
-
18
-
trr
Reverse Recovery Time
P
-
20
-
ns
N
-
11
-
Qrr
Reverse Recovery Charge
N-Channel
IS=4A, VGS=0V
dl/dt=100A/µs
P-Channel
IS=-3A, VGS=0V
dl/dt=-100A/µs
P
-
16
-
nC
Note 1: Surface Mounted on 1 in
2 copper pad of FR4 board; t ≤10sec; 186ºC/W when mounted on Min. copper pad.
Note 2: Pulse width limited by Max. junction temperature
Note 3: Pulse width < 300us, duty cycle < 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com