Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2552 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2552
Description  Damping Foil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2552 Datasheet(HTML) 1 Page - 3M Electronics

  2552 Datasheet HTML 1Page - 3M Electronics 2552 Datasheet HTML 2Page - 3M Electronics 2552 Datasheet HTML 3Page - 3M Electronics 2552 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Damping Foil
2552
Technical Data
January, 2012
Product Description
3M™ Damping Foil 2552 consists of a room temperature pressure sensitive
viscoelastic polymer on a dead soft aluminum foil and is designed for application
to vibrating panels and support members. The combination of viscoelastic
polymer and an aluminum foil backing (a constrained layer damper, or CLD) has
proved to be a unique construction with exceptional ability to control resonant
vibrations in the temperature range of 32° to 140°F (0° to 60°C), with survivability
from -25° to 175°F (-32° to 80°C).
Typical Damping
Properties
The high-energy dissipative polymer used in 3M damping foil 2552 can afford
excellent control of resonance-induced vibrations. When applied to a vibrating
structure, the polymer used in 3M damping foil 2552 converts vibration to negligible
heat. Vibration amplitudes and structure-borne noise can be consequentially reduced.
The performance of most damping devices is highly dependent on the interaction
between the device and the system to which it is applied. A constrained layer control
system is no different than a typical damping device and its ability to provide the
desired performance is affected by parameters other than temperature and frequency.
Namely the geometry, stiffness and the structure to which the control system is applied
will affect the performance.
The loss factor of a material is a dynamic property that can define damping
performance:
The following data are the results of 3M damping foil 2552 being tested per ASTM
E756-83. A sample was applied to a 8.0 inch by 0.5 inch by 0.06 inch steel beam.
The beam was tested over a temperature range of -40° to 140°F, in increments of
10°F. Beam modes 2 through 7 were monitored for system damping measurements.
3M™ Damping Foil 2552


Similar Part No. - 2552

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2552 PULSE-2552 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
List of Unclassifed Man...
2552 ETC2-2552 Datasheet
3Mb / 6P
Bandwidth up to 300 MHz
logo
Heyco.
2552 HEYCO-2552 Datasheet
154Kb / 1P
Threaded Smooth Bore Bushings
logo
Weidmuller
2552090000 WEIDMULLER-2552090000 Datasheet
225Kb / 5P
A2C 35 BL
2552100000 WEIDMULLER-2552100000 Datasheet
248Kb / 5P
A2C 35 3FT
More results

Similar Description - 2552

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
MKV AC Capacitors Damping
logo
Cystech Electonics Corp...
QJ-2L CYSTEKEC-QJ-2L Datasheet
245Kb / 6P
1A Snubber Damping Rectifier
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJL3 CYSTEKEC-QJL3 Datasheet
239Kb / 6P
1A Snubber Damping Rectifier
QJM3 CYSTEKEC-QJM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJAF CYSTEKEC-QJAF Datasheet
404Kb / 7P
1A Snubber Damping Rectifier
QJP-62 CYSTEKEC-QJP-62 Datasheet
389Kb / 6P
1A Snubber Damping Rectifier
QJP-65 CYSTEKEC-QJP-65 Datasheet
389Kb / 6P
1A Snubber Damping Rectifier
logo
Dongguan City Niuhang E...
SD1J NIUHANG-SD1J Datasheet
3Mb / 5P
SNUBBER DAMPING RECTIFIERS
logo
3M Electronics
436 3M-436 Datasheet
345Kb / 3P
Vibration Damping Tapes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com