Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2552 Datasheet(PDF) 3 Page - 3M Electronics

Part # 2552
Description  Damping Foil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2552 Datasheet(HTML) 3 Page - 3M Electronics

  2552 Datasheet HTML 1Page - 3M Electronics 2552 Datasheet HTML 2Page - 3M Electronics 2552 Datasheet HTML 3Page - 3M Electronics 2552 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M
™ Damping Foil
2552
Product Construction
and Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
ASTM Test Method
Aluminum Backing:
10.0 mils (0.25 mm)
Acrylic Viscoelastic Polymer:
5.0 mils (0.13 mm)
Easy-release Liner:
58# poly-coated paper
Total Product Thickness:
15.0 mils (0.38 mm)
Total Product Weight:
0.17 lbs./sq. ft.
Adhesion to Steel:
65 oz./in. width (72 N/100 mm)
D-3330
Tensile Strength:
126 lbs./in. width (2205 N/100 mm)
D-3759
Elongation at Break:
12%
D-3759
Temperature Use Range:
-25° to 175°F (-32° to 80°C)
Peak damping from 32° to 140°F (0° to 60°C)
Minimum and
Maximum Widths:
2 in. minimum, 23.5 in. maximum
Available Formats:
Roll Lengths: Standard length 36 yds.
• 2" to 4": up to 180 yds.
• Wider widths available to 180 yds.
• Dispensers available for purchase through 3M
Sheets and Die-Cut parts: 3M can introduce you to fabricators
with a background of handling this product and the capability
to provide sheet goods and die cut dampers to customer
specifications.
Custom Dispensers: Designed for manual or automatic
operation, this custom dispenser removes protective liner from
3M™ Damping Foil 2552 before cutting to a predetermined
length. Built to hold and dispense 6" core with a roll size up to
2" wide by 108 yds. Engineered for table top usage, this
custom dispenser measures 31"L x 22"H x 10"W and weighs
only 45 pounds.
Characteristics
• Excellent aging qualities of the polymer.
• Wide temperature range for damping. Usable from -25° to 175°F (-32° to 80°C),
with peak damping from 32° to 140°F (0° 60°C).
• Liner on product offers the user die-cut capability.
• Pressure sensitive adhesive for ease of application.
• Meets flame retardancy requirements of F.A.R. Part 25.853(a).
• Can pass ASTM E-162 and ASTM E-662 for flamability and smoke generation.
Application Ideas
• Industrial applications.
• Electronic equipment and appliances.
• Reduce resonant noise, vibration and fatigue in metal, plastic panels and support
structures.
• Almost anywhere plastic or metal contact with materials can result in potentially
damaging vibration.
- 3 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com