Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2552 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2552
Description  Damping Foil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2552 Datasheet(HTML) 2 Page - 3M Electronics

  2552 Datasheet HTML 1Page - 3M Electronics 2552 Datasheet HTML 2Page - 3M Electronics 2552 Datasheet HTML 3Page - 3M Electronics 2552 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
™ Damping Foil
2552
Typical Damping
Properties (continued)
Test Method: The following data were obtained by doing a frequency sweep from
1 to 100 radians/sec (0.16 to 16 Hz) at 5 different temperatures: -20°, 10°, 0°, 10°,
and 22°C. A 3 point bend geometry was used on the Rheometics RSA II. Time –
temperature superposition was used to create the master curve for a reference
temperature of 22°C.
3M™ Damping Foil 2552 on 18 mil Stainless Steel
T = 22°C
Data Interpolation:
To determine the damping properties at ambient temperature 72°F (22°C), proceed
as follows:
1) Locate the desired frequency on the bottom HORIZONTAL scale.
2) Follow the chosen frequency up to the point of intersection with the
plotted data.
3) From this intersect, go left to the vertical scale.
4) Read the COMPOSITE LOSS FACTOR for the chosen frequency.
Note: Please note that the data has been determined by combining 3M™ Damping
Foil 2552 with a panel of 0.018" thick stainless steel with a hardness of T-22 and is
presented as a reference to the damping that can be achieved when combined with a
material of this description and tested at ambient temperature of 72°F (22°C).
Solvent and Fuel
Resistance
When properly laminated between two impervious materials, the polymer will
resist intermittent exposure to mild acids and alkalies, most oils, grease, gasoline,
kerosene, JP-4 fuel, hydraulic fluids, and other typical aromatic and aliphatic
hydrocarbon and ketone solvents.
Note: Continuous submersion in chemical solutions like solvents or fuels is not
recommended.
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com