Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLQ020
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLQ020 Datasheet HTML 7Page - STMicroelectronics STLQ020 Datasheet HTML 8Page - STMicroelectronics STLQ020 Datasheet HTML 9Page - STMicroelectronics STLQ020 Datasheet HTML 10Page - STMicroelectronics STLQ020 Datasheet HTML 11Page - STMicroelectronics STLQ020 Datasheet HTML 12Page - STMicroelectronics STLQ020 Datasheet HTML 13Page - STMicroelectronics STLQ020 Datasheet HTML 14Page - STMicroelectronics STLQ020 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Figure 22. Dropout voltage vs. temperature
0
100
200
300
400
500
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VOUT = 2 V, IOUT = 200 mA
Figure 23. Enable threshold vs. temperature
400
500
600
700
800
900
1000
1100
1200
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VEN-ON
VEN-OFF
Figure 24. PSRR vs. frequency
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
f [Hz]
Vout=0.8V
Vout=1.8V
I
= 10 mA
OUT
Figure 25. Line transient (trise = 5 µs)
Figure 26. Line transient (trise = 1 µs)
Figure 27. Line transient
STLQ020
Typical characteristics
DS12072 - Rev 3
page 11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com