Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLQ020
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLQ020 Datasheet HTML 15Page - STMicroelectronics STLQ020 Datasheet HTML 16Page - STMicroelectronics STLQ020 Datasheet HTML 17Page - STMicroelectronics STLQ020 Datasheet HTML 18Page - STMicroelectronics STLQ020 Datasheet HTML 19Page - STMicroelectronics STLQ020 Datasheet HTML 20Page - STMicroelectronics STLQ020 Datasheet HTML 21Page - STMicroelectronics STLQ020 Datasheet HTML 22Page - STMicroelectronics STLQ020 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
8.2
Flip-Chip4 package information
Figure 38. Flip-Chip4 package outline
Table 7. Flip-Chip4 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.51
0.56
0.61
A1
0.17
0.20
0.23
A2
0.34
0.36
0.38
b
0.23
0.26
0.29
D
0.743
0.773
0.803
D1
0.40
E
0.743
0.773
0.803
E1
0.40
SD
0.20
SE
0.20
f
0.187
ccc
0.075
STLQ020
Flip-Chip4 package information
DS12072 - Rev 3
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com