Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8S003K3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8S003K3 Datasheet HTML 45Page - STMicroelectronics STM8S003K3 Datasheet HTML 46Page - STMicroelectronics STM8S003K3 Datasheet HTML 47Page - STMicroelectronics STM8S003K3 Datasheet HTML 48Page - STMicroelectronics STM8S003K3 Datasheet HTML 49Page - STMicroelectronics STM8S003K3 Datasheet HTML 50Page - STMicroelectronics STM8S003K3 Datasheet HTML 51Page - STMicroelectronics STM8S003K3 Datasheet HTML 52Page - STMicroelectronics STM8S003K3 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
DS7147 Rev 10
49/103
STM8S003F3 STM8S003K3
Electrical characteristics
87
9.3
Operating conditions
The device must be used in operating conditions that respect the parameters in Table 19. In
addition, full account must be taken of all physical capacitor characteristics and tolerances.
Figure 9. fCPUmax versus VDD
Table 19. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal CPU clock frequency
-
0
16
MHz
VDD
Standard operating voltage
-
2.95
5.5
V
VCAP(1)
1. Care should be taken when selecting the capacitor, due to its tolerance, as well as the parameter
dependency on temperature, DC bias and frequency in addition to other factors. The parameter maximum
values must be respected for the full application range.
CEXT: capacitance of external
capacitor
-
470
3300
nF
ESR of external capacitor
At 1 MHz(2)
2. This frequency of 1 MHz as a condition for VCAP parameters is given by the design of the internal regulator.
-0.3
ohm
ESL of external capacitor
-
15
nH
PD(3)
3. To calculate PDmax(TA), use the formula PDmax = (TJmax - TA)/ΘJA (see Section 10.4: Thermal
characteristics on page 96) with the value for TJmax given in Table 19 above and the value for
ΘJA given in
Table 55: Thermal characteristics.
Power dissipation at
TA = 85° C for suffix 6
TSSOP20
-
238
mW
UFQFPN20
-
220
LQFP32
-
330
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
-40
85
°C
TJ
Junction temperature range
for 6 suffix version
-
-40
105
16
12
8
4
0
2.95
4.0
5.0
5.5
fCPU (MHz)
Functionality guaranteed
@TA
-40 to 85 °C
Supply voltage
MS36411V1
Functionality
not guaranteed
in this area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com