Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8S003K3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8S003K3 Datasheet HTML 79Page - STMicroelectronics STM8S003K3 Datasheet HTML 80Page - STMicroelectronics STM8S003K3 Datasheet HTML 81Page - STMicroelectronics STM8S003K3 Datasheet HTML 82Page - STMicroelectronics STM8S003K3 Datasheet HTML 83Page - STMicroelectronics STM8S003K3 Datasheet HTML 84Page - STMicroelectronics STM8S003K3 Datasheet HTML 85Page - STMicroelectronics STM8S003K3 Datasheet HTML 86Page - STMicroelectronics STM8S003K3 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
DS7147 Rev 10
83/103
STM8S003F3 STM8S003K3
Electrical characteristics
87
1. Data based on characterization results.
2. ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins
should be avoided as this significantly reduces the accuracy of the conversion being performed on another
analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may
potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and
ΣIINJ(PIN) in Section 9.3.6 does not affect the ADC accuracy.
Table 47. ADC accuracy with RAIN < 10 kΩ RAIN, VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
1. Data based on characterization results.
Unit
|ET|
Total unadjusted error(2)
2. ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins
should be avoided as this significantly reduces the accuracy of the conversion being performed on another
analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may
potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and
ΣIINJ(PIN) in Section 9.3.6 does not affect the ADC accuracy.
fADC = 2 MHz
1.6
3.5
LSB
fADC = 4 MHz
1.9
4
|EO|
Offset error(2)
fADC = 2 MHz
1
2.5
fADC = 4 MHz
1.5
2.5
|EG|
Gain error(2)
fADC = 2 MHz
1.3
3
fADC = 4 MHz
2
3
|ED|
Differential linearity error(2)
fADC = 2 MHz
0.7
1.0
fADC = 4 MHz
0.7
1.5
|EL|
Integral linearity error(2)
fADC = 2 MHz
0.6
1.5
fADC = 4 MHz
0.8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com