Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM8S003K3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM8S003K3 Datasheet HTML 71Page - STMicroelectronics STM8S003K3 Datasheet HTML 72Page - STMicroelectronics STM8S003K3 Datasheet HTML 73Page - STMicroelectronics STM8S003K3 Datasheet HTML 74Page - STMicroelectronics STM8S003K3 Datasheet HTML 75Page - STMicroelectronics STM8S003K3 Datasheet HTML 76Page - STMicroelectronics STM8S003K3 Datasheet HTML 77Page - STMicroelectronics STM8S003K3 Datasheet HTML 78Page - STMicroelectronics STM8S003K3 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
DS7147 Rev 10
75/103
STM8S003F3 STM8S003K3
Electrical characteristics
87
9.3.7
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 34. Typical NRST VIL and VIH vs VDD @ 4 temperatures
Table 42. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL(NRST)
NRST input low level voltage (1)
-
-0.3 V
-
0.3 x VDD
V
VIH(NRST)
NRST input high level voltage (1)
-
0.7 x VDD
-VDD + 0.3
VOL(NRST)
NRST output low level voltage (1)
IOL= 2 mA
-
-
0.5
RPU(NRST)
NRST pull-up resistor (2)
-30
55
80
k
Ω
tIFP(NRST)
NRST input filtered pulse (3)
--
-
75
ns
tINFP(NRST)
NRST Input not filtered pulse (3)
-500
-
-
ns
tOP(NRST)
NRST output pulse (1)
-20
-
-
µs
1. Data based on characterization results.
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
3.
Data guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com