Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334C4U6TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F334C4U6TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C4U6TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F334C4U6TR Datasheet HTML 56Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 57Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 58Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 59Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 60Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 61Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 62Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 63Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 125 page
background image
Electrical characteristics
STM32F334x4 STM32F334x6 STM32F334x8
60/125
DS9994 Rev 9
Table 30. Typical current consumption in Run mode, code with data processing
running from Flash memory
Symbol
Parameter
Conditions
fHCLK
Typ.
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Run mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash memory
72 MHz
70.6
25.2
mA
64 MHz
60.3
22.6
48 MHz
46.0
17.3
32 MHz
31.3
12.0
24 MHz
25.0
9.3
16 MHz
16.2
6.5
8 MHz
8.4
3.55
4 MHz
4.75
2.21
2 MHz
2.81
1.52
1 MHz
1.82
1.17
500 kHz
1.34
0.94
125 kHz
0.93
0.82
IDDA(1) (2)
Supply current in
Run mode from
VDDA supply
72 MHz
240.0
234.0
µA
64 MHz
209.9
208.6
48 MHz
154.5
153.5
32 MHz
104.1
103.6
24 MHz
80.2
80.0
16 MHz
56.8
56.6
8 MHz
1.14
1.14
4 MHz
1.14
1.14
2 MHz
1.14
1.14
1 MHz
1.14
1.14
500 kHz
1.14
1.14
125 kHz
1.14
1.14
1. VDDA supervisor is OFF.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp and others, is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com