Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334C4U6TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F334C4U6TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C4U6TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F334C4U6TR Datasheet HTML 9Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 10Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 11Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 12Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 13Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 14Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 15Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 16Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
DS9994 Rev 9
13/125
STM32F334x4 STM32F334x6 STM32F334x8
Description
46
Figure 1. STM32F334x4/6/8 block diagram
1. AF: alternate function on I/O pins.
MSv31953V3
@VDD33
EXT.IT
WinWATCHDOG
JTDI
JTCK-SWCLK
JTMS-SWDAT
JTRST
JTDO-TRACESWO
NRESET
V DD33 =2 to 3.6V
up to 16 lines
AHB2
WKUP
F
max
= 72MHz
VSS
V REF+
GP DMA1
XTAL OSC
4-32MHz
OSC_IN
OSC_OUT
OSC32_OUT
OSC32_IN
AHBPCLK
HCLK
APBP1CLK
VDD18
POWER
Backup interface
as AF
CORTEX M4 CPU
USART1
USART3
7 channels
SCL,SDA,SMBA
as AF
RX,TX, CTS, RTS,
Temp sensor
V REF-
PD2
4 Channels, ETR
FCLK
Standby
Ind. WDG32K
SUPPLY
@VDD33
VDDA
VSSA
V BAT=
1.65 to 3.6V
SmartCard as AF
RX,TX, CTS, RTS,
SmartCard as AF
RX,TX, CTS, RTS,
SmartCard as AF
NVIC
SPI1
MOSI,MISO,
SCK,NSS as AF
interface
@VDDA
SUPERVISION
Reset
Int
AHB2
APB2
APB1
POR
ANTI-TAMP
RESET&
CLOCK
CTRL
APBP2CLK
DAC1_OUT1 as AF
DAC2_OUT1 as AF
USARTCLK
I2CCLK
ADC1/ADC2
CRC
GPIOPORTA
as AF
15
TIM16
TIM17
2 channels,
1 channel,
1 channel,
1 compl. channel,
BRK as AF
1 compl. channel,
BRK as AF
1 compl. channel,
BRK as AF
TIM6
@VDDA
6 Groups of
4 Channels as AF
TIM1
4 channels,
3 compl. channel,
ETR, BRK as AF
FPU
TPIU
SWJTAG
GPIOPORTB
GPIOPORTC
GPIOPORTD
PC[15:0]
PB[15:0]
PA[15:0]
Ibus
Dbus
System
bus
Flash 64KB
64 bits
Touch Sensing
Controller
TIM15
IF
12bitADC1
IF
IF
12bitADC2
IF
@VDDA
VOLT. REG.
3.3V TO 1.8V
POR / PDR
PVD
RC HS 8MHz
RC LS
PLL
XTAL 32kHz
RTC
AWU
Backup
reg (20B)
TIM3
GP Comparator 2
IF
12-bit DAC1
channel 1
IF
I2C1
USART2
@VDDA
Dbus
SRAM
12KB
CAN_TX
CAN_RX
4 Channels, ETR
as AF
TIM2 (32-bit/PWM)
TIM7
HRTIM1
PF[1:0]
GPIOPORTF
5 fault inputs as AF
10 PWM outputs
10 ext. event inputs
1 synchro. input
1 synchro. output
12-bit DAC2
channel 1
IF
DAC1_OUT2 as AF
IF
12-bit DAC1
channel 2
IF
GP Comparator 4
GP Comparator 6
INM, INP, OUT as AF
CCM SRAM
4KB
BxCAN
SYSCFG CTL
INM, INP, OUT as AF
Op-amp2
IF
@VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com