Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334C4U6TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F334C4U6TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C4U6TR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F334C4U6TR Datasheet HTML 1Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 2Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 3Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 4Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 5Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 6Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 7Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 8Page - STMicroelectronics STM32F334C4U6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
This is information on a product in full production.
July 2018
DS9994 Rev 9
1/125
STM32F334x4 STM32F334x6
STM32F334x8
Arm®Cortex®-M4 32b MCU+FPU,up to 64KB Flash,16KB SRAM,
2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
Datasheet
- production data
Features
• Core: Arm® Cortex®-M4 32-bit CPU with FPU
(72 MHz max), single-cycle multiplication and
HW division DSP instruction
• Memories
– Up to 64 Kbytes of Flash memory
– Up to 12 Kbytes of SRAM with HW parity
check
– Routine booster: 4 Kbytes of SRAM on
instruction and data bus with HW parity
check (CCM)
• CRC calculation unit
• Reset and supply management
– Low-power modes: Sleep, Stop, Standby
–VDD,VDDA voltage range: 2.0 to 3.6 V
– Power-on/Power-down reset (POR/PDR)
– Programmable voltage detector (PVD)
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC (up to 64 MHz with PLL
option)
– Internal 40 kHz oscillator
• Up to 51 fast I/O ports, all mappable on
external interrupt vectors, several 5 V-tolerant
• Interconnect matrix
• 7-channel DMA controller
• Up to two ADC 0.20 µs (up to 21 channels) with
selectable resolution of 12/10/8/6 bits, 0 to
3.6 V conversion range, single-ended /
differential mode, separate analog supply from
2.0 to 3.6 V
• Temperature sensor
• Up to three 12-bit DAC channels with analog
supply from 2.4 V to 3.6 V
• Three ultra-fast rail-to-rail analog comparators
with analog supply from 2 to 3.6 V
• One operational amplifiers that can be used in
PGA mode, all terminals accessible with
analog supply from 2.4 to 3.6 V
• Up to 18 capacitive sensing channels
supporting touchkeys, linear and rotary touch
sensors
• Up to 12 timers
– HRTIM: 6 x16-bit counters, 217 ps
resolution, 10 PWM, 5 fault inputs, 10 ext
event input, 1 synchro. input,1 synchro. out
– One 32-bit timer and one 16-bit timer with
up to 4 IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– One 16-bit 6-channel advanced-control
timer, with up to 6 PWM channels,
deadtime generation and emergency stop
– One 16-bit timer with 2 IC/OCs,
1 OCN/PWM, deadtime generation,
emergency stop
– Two 16-bit timers with IC/OC/OCN/PWM,
deadtime generation and emergency stop
– Two watchdog timers (independent,
window)
– SysTick timer: 24-bit downcounter
– Up to two 16-bit basic timers to drive DAC
• Calendar RTC with alarm, periodic wakeup
from Stop
• Communication interfaces
– CAN interface (2.0 B Active) and one SPI
LQFP32 (7 x 7 mm)
LQFP48 (7 x 7 mm)
LQFP64 (10 x 10 mm)
UFQFPN32 (5 x 5 mm)
WLCSP49
(3.89x3.74 mm)
www.st.com


Similar Part No. - STM32F334C4U6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
1Mb / 115P
ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
27-Sep-2016
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
3Mb / 26P
STM32 development boards
STM32F334 STMICROELECTRONICS-STM32F334 Datasheet
4Mb / 7P
3 kW Full Bridge LLC resonant digital power supply evaluation kit
20-Mar-2018
STM32F3348-DISCO STMICROELECTRONICS-STM32F3348-DISCO Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
More results

Similar Description - STM32F334C4U6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F302XB STMICROELECTRONICS-STM32F302XB Datasheet
2Mb / 133P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
08-Jan-2013
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F303VCT6 STMICROELECTRONICS-STM32F303VCT6 Datasheet
1Mb / 132P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
24-Jun-2013
STM32F373VCT6 STMICROELECTRONICS-STM32F373VCT6 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
21-Dec-2012
STM32F373CCT6 STMICROELECTRONICS-STM32F373CCT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F334X4 STMICROELECTRONICS-STM32F334X4 Datasheet
1Mb / 115P
ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
27-Sep-2016
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
STM32F303X6 STMICROELECTRONICS-STM32F303X6_V01 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com