Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334C6U6TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F334C6U6TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C6U6TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F334C6U6TR Datasheet HTML 67Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 68Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 69Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 70Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 71Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 72Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 73Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 74Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
DS9994 Rev 9
71/125
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
103
High-speed internal (HSI) RC oscillator
Figure 19. HSI oscillator accuracy characterization results for soldered parts
Table 40. HSI oscillator characteristics(1)
1. VDDA = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fHSI
Frequency
-
-
8
-
MHz
TRIM
HSI user trimming step
-
-
-
1(2)
2. Guaranteed by design, not tested in production.
%
DuCy(HSI)
Duty cycle
-
45(2)
-55(2)
%
ACCHSI
Accuracy of the HSI
oscillator (factory
calibrated)
TA = –40 to 105 °C
–2.8(3)
3. Data based on characterization results, not tested in production.
-3.8(3)
%
TA = –10 to 85 °C
–1.9(3)
-2.3(3)
TA = 0 to 85 °C
-1.9(3)
-2(3)
TA = 0 to 70 °C
-1.3(3)
-2(3)
TA = 0 to 55 °C
–1(3)
-2(3)
TA = 25 °C(4)
4. Factory calibrated, parts not soldered
–1
-
1
tsu(HSI)
HSI oscillator startup
time
-1(2)
-2(2)
µs
IDDA(HSI)
HSI oscillator power
consumption
-
-
80
100(2)
µA
MS30985V4
T [ºC]
A
MAX
MIN
-40
-20
0
20
40
60
80
100
120
4%
3%
2%
1%
0%
-1%
-2%
-3%
-4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com