Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334C6U6TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F334C6U6TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C6U6TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F334C6U6TR Datasheet HTML 73Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 74Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 75Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 76Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 77Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 78Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 79Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 80Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 125 page
background image
DS9994 Rev 9
77/125
STM32F334x4 STM32F334x6 STM32F334x8
Electrical characteristics
103
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 20 and Figure 21 for standard I/Os.
Figure 20. TC and TTa I/O input characteristics - CMOS port
Vhys
Schmitt trigger
hysteresis
TT, TC and TTa I/O
-
200 (1)
-
mV
FT and FTf I/O
-
100 (1)
-
BOOT0
-
300 (1)
-
Ilkg
Input leakage
current (3)
TC, FT, TT, FTf and TTa
I/O in digital mode
VSS ≤VIN ≤VDD
--
±0.1
µA
TTa I/O in digital mode
VDD ≤VIN ≤VDDA
--
1
TTa I/O in analog mode
VSS ≤VIN ≤VDDA
--
±0.2
FT and FTf I/O(4)
VDD ≤VIN ≤5 V
--
10
RPU
Weak pull-up
equivalent resistor(5)
VIN = VSS
25
40
55
k
Ω
RPD
Weak pull-down
equivalent resistor(5)
VIN = VDD
25
40
55
k
Ω
CIO
I/O pin capacitance
-
-
5
-
pF
1. Data based on design simulation.
2. Tested in production.
3. Leakage could be higher than the maximum value. If negative current is injected on adjacent pins. Refer to Table 49: I/O
current injection susceptibility.
4. To sustain a voltage higher than VDD +0.3 V, the internal pull-up/pull-down resistors must be disabled.
5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimum (~10% order).
Table 50. I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
MS30255V2
VDD (V)
VIHmin 2.0
VILmax 0.7
VIL/VIH (V)
1.3
2.0
3.6
VILmax
= 0.3V
DD
+0.07
0.6
2.7
3.0
3.3
CMOS standard requirements VILmax = 0.3VDD
VIHmin
= 0.445V
DD
+0.398
Area not determined
Tested
in production
Tested
in production
Based
on design
simulations
Based
on design
simulations
CMOS
standard
requirements
VIHmin
= 0.7V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com