Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334C6U6TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F334C6U6TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C6U6TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F334C6U6TR Datasheet HTML 18Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 19Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 20Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 21Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 22Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 23Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 24Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 25Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 125 page
background image
Functional overview
STM32F334x4 STM32F334x6 STM32F334x8
22/125
DS9994 Rev 9
input channels. The precise voltage of VREFINT is individually measured for each part by ST
during production test and stored in the system memory area. It is accessible in read-only
mode.
3.10.3
VBAT battery voltage monitoring
This embedded hardware feature allows the application to measure the VBAT battery voltage
using the internal ADC channel ADC1_IN17. As the VBAT voltage may be higher than VDDA,
and thus outside the ADC input range, the VBAT pin is internally connected to a bridge
divider by 2. As a consequence, the converted digital value is half the VBAT voltage.
3.10.4
OPAMP2 reference voltage (VOPAMP2)
OPAMP2 reference voltage can be measured using ADC2 internal channel 17.
3.11
Digital-to-analog converter (DAC)
One 12-bit buffered DAC channel (DAC1_OUT1) and two 12-bit unbuffered DAC channels
(DAC1_OUT2 and DAC2_OUT1) can be used to convert digital signals into analog voltage
signal outputs. The chosen design structure is composed of integrated resistor strings and
an amplifier in inverting configuration.
This digital interface supports the following features:
•
Three DAC output channels
•
8-bit or 12-bit monotonic output
•
Left or right data alignment in 12-bit mode
•
Synchronized update capability
•
Noise-wave generation (only on DAC1)
•
Triangular-wave generation (only on DAC1)
•
Dual DAC channel independent or simultaneous conversions
•
DMA capability for each channel
•
External triggers for conversion
3.12
Operational amplifier (OPAMP)
The STM32F334x4/6/8 embeds an operational amplifier (OPAMP2) with external or internal
follower routing and PGA capability (or even amplifier and filter capability with external
components). When an operational amplifier is selected, an external ADC channel is used
to enable output measurement.
The operational amplifier features:
•
8 MHz GBP
•
0.5 mA output capability
•
Rail-to-rail input/output
•
In PGA mode, the gain can be programmed to 2, 4, 8 or 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com