Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS-RXL-1 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # OS-RXL-1
Description  Adjustable Range Reflective Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

OS-RXL-1 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  OS-RXL-1 Datasheet HTML 1Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 2Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 3Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 4Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 5Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
345 AdjustableRangeReflectivePhotoelectricSensorRX-LS200
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
SPECIFICATIONS
Type
Adjustable range reflective
NPN output type
PNP output type
Item
Model No.
RX-LS200
RX-LS200-P
CE marking directive compliance
EMC Directive, RoHS Directive
Sensing range
50 to 200 mm 1.969 to 7.874 in with white non-glossy paper (50 × 50 mm 1.969 × 1.969 in)
Hysteresis
10 % or less of operation distance with white non-glossy paper (50 × 50 mm 1.969 × 1.969 in)
Repeatability
Along sensing axis: 1 mm 0.039 in or less, Perpendicular to sensing axis: 0.5 mm 0.020 in or less
Supply voltage
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Current consumption
40 mA or less
Output
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1.5 V or less (at 100 mA sink current)
0.4 V or less (at 16 mA sink current)
PNP open-collector transistor
• Maximum source current: 100 mA
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 1 V or less (at 100 mA source current)
0.4 V or less (at 16 mA source current)
Utilization category
DC-12 or DC-13
Output operation
Switchable either Light-ON or Dark-ON
Short-circuit protection
Incorporated
Response time
1 ms or less
Operation indicator
Red LED (lights up when the output is ON)
Stability indicator
Green LED (lights up under stable light received condition or stable dark condition)
Distance adjuster
2-turn mechanical adjuster
Pollution degree
3 (Industrial environment)
Protection
IP67 (IEC)
Ambient temperature
–25 to 60 °C –13 to 140 °F (No dew condensation or icing allowed), Storage: –30 to 70 °C –22 to 158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 3,500 ℓx or less at the light-receiving face
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure
Insulation resistance
20 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure
Vibration resistance
10 to 500 Hz frequency, 1.5 mm 0.059 in double amplitude (10 G max.) in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions three times each
Emitting element
Infrared LED (peak emission wavelength: 880 nm 0.035mil, modulated)
Material
Enclosure: Die-cast zinc alloy, Indicator cover: Polyethersulphone, Lens: Polycarbonate
Cable
0.15 mm2 3-core oil, heat and cold resistant cabtyre cable, 3 m 9.843 ft long
Cable extension
Extension up to total 100 m 328.084 ft is possible with 0.3 mm2, or more, cable.
Weight
Net weight: 85 g approx.
Accessories
MS-RX-1 (Sensor mounting bracket): 1 set, Adjusting screwdriver: 1 pc.
Note: Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
I/O CIRCUIT AND WIRING DIAGRAMS
I/O circuit diagram
Wiring diagram
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : NPN output transistor
12 to 24 V DC
Users’ circuit
Internal circuit
D
ZD
Tr
(Brown) +V
(Black) Output
(Blue) 0 V
Color code
100 mA max.
Load
±10 %
+
+
12 to 24 V DC
±10 %
Brown
Black
Blue
Load
RX-LS200
NPN output type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com