Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS-RXL-1 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # OS-RXL-1
Description  Adjustable Range Reflective Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

OS-RXL-1 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  OS-RXL-1 Datasheet HTML 1Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 2Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 3Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 4Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 5Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
343
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
Related Information
PNP output
type available
Hardly affected by color
The color or size of the object does not affect its sensing
performance.
Hardly affected by background
The sensor does not detect
the background beyond the
set distance since it is of
distance adjustable type.
Background
(specular)
Robust
Its robust enclosure is made of die-cast zinc alloy.
High-speed response time: 1 ms
It can be used on a high speed assembly line.
BASIC PERFORMANCE
RX-LS200
Detection of different
colored objects at a certain distance
The sensing range for which the sensor detects an
object is determined by the incident beam angle,
regardless of the incident light intensity.
RX-LS200
Adjustable Range Reflective Type
Waterproof IP67 (IEC)
The equipment on which the sensor is mounted can be
washed without any problem.
ENVIRONMENTAL RESISTANCE
Note: However, take care that if it is exposed to water splashes
during operation. It may detect a water drop itself.
Insusceptible to dust
The sensing performance
is less affected by dust as
it does not depend on the
incident light intensity.
Dust
Adjustable Range Reflective Photoelectric Sensor Amplifier Built-in
Receiving lens
Emitting lens
Emitting LED
Sensing range
Sensing object
Sensing object
The sensing range can be changed
according to the position of the lens.
Receiving element
(2-segment device)
General terms and conditions............F-3 Selection guide...............................P.231~
Glossary of terms.......................P.1549~ General precautions...................P.1552~
However, changing the angle of the sensor
is necessary when the background object
has a specular surface.
panasonic.net/id/pidsx/global


Similar Part No. - OS-RXL-1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
OS-1/2 FESTO-OS-1/2 Datasheet
84Kb / 1P
OR gate
4/15/22
OS-1/4-B FESTO-OS-1/4-B Datasheet
76Kb / 1P
OR gate
4/15/22
OS-1/4-NPT FESTO-OS-1/4-NPT Datasheet
76Kb / 1P
OR gate
4/15/22
OS-1/8-B FESTO-OS-1/8-B Datasheet
77Kb / 1P
OR gate
4/15/22
OS-1/8-NPT FESTO-OS-1/8-NPT Datasheet
77Kb / 1P
OR gate
4/15/22
More results

Similar Description - OS-RXL-1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4-3E1134 SICK-WLG4-3E1134 Datasheet
778Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3E1382 SICK-WLG4-3E1382 Datasheet
780Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3F3182S06 SICK-WLG4-3F3182S06 Datasheet
675Kb / 5P
Photoelectric retro-reflective sensor
WLG4-3F3434 SICK-WLG4-3F3434 Datasheet
781Kb / 6P
Photoelectric retro-reflective sensor
WLG4-3K2232 SICK-WLG4-3K2232 Datasheet
798Kb / 6P
Photoelectric retro-reflective sensor
WLG4S-3F3434V SICK-WLG4S-3F3434V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3N1132V SICK-WLG4S-3N1132V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
logo
Panasonic Semiconductor
CX-441 PANASONIC-CX-441 Datasheet
337Kb / 2P
Adjustable Range Reflective Compact Photoelectric Sensor
EQ-34 PANASONIC-EQ-34 Datasheet
459Kb / 8P
Adjustable Range Reflective Photoelectric Sensor
EQ-30 PANASONIC-EQ-30 Datasheet
459Kb / 8P
Adjustable Range Reflective Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com