Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS-RXL-1 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # OS-RXL-1
Description  Adjustable Range Reflective Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

OS-RXL-1 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  OS-RXL-1 Datasheet HTML 1Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 2Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 3Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 4Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 5Page - Panasonic Semiconductor OS-RXL-1 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
347 AdjustableRangeReflectivePhotoelectricSensorRX-LS200
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
SENSING CHARACTERISTICS (TYPICAL)
Correlation between material (50 × 50 mm 1.969 × 1.969 in) and sensing range
0
···
200 mm 7.874 in
···
100 mm 3.937 in
···
50 mm 1.969 in
These bars indicate the sensing range
with respective objects when the
distance adjuster is set at the sensing
range of 200 mm 7.874 in, 100 mm
3.937 in and 50 mm 1.969 in long,
each, with white non-glossy paper.
50
1.969
100
3.937
150
5.906
200
7.874
Wiring
• The output of
RX-LS200-P does not incorporate a short-
circuit protection circuit. Do not connect it directly to a
power supply or a capacitive load.
Others
• Do not use during the initial transient time (50 ms) after
the power supply is switched on.
PRECAUTIONS FOR PROPER USE
Refer to p.1552~ for general precautions.
Mounting
• The tightening torque should be 1.17 N·m or less.
• Care must be taken regarding the sensor mounting
direction with respect to the object’s direction of movement.
Do not make the sensor
detect an object in this
direction because it may
cause unstable operation.
Sensing object
Sensing object
Sensing object
5.5 mm
0.217 in
6 mm
0.236 in
Beam axis
M4 (length 16 mm 0.630 in)
hexagon-socket-head bolt
The sensing axis is
positioned at the
intersection of the “ ”
mark on the lens face
and the “ ” line.
Sensor mounting
bracket
MS-RX-1
(Accessory)
• When detecting a specular object (aluminum or copper
foil) or an object having a glossy surface or coating,
please take care that there are cases when the object
may not be detected due to a small change in angle,
wrinkles on the object surface, etc.
• When a specular body is present below the sensor, use
the sensor by tilting it slightly upwards to avoid wrong
operation.
Use conditions to comply with CE Marking
• Following work must be done in case of using this
product as a CE marking (European standard EMC
Directive) conforming product.
Ensure that the shield is connected to 0 V or the actual
ground.
• In case of connecting a sensor to power supply 0 V by using
a shield (piping, etc.)
• In case of grounding by using a shield (piping, etc.)
Note: The shield (piping, etc.) must be insulated.
Sensor
Shield (piping, etc.)
Power supply
/
Load
+V
0 V
OUT
Sensor
Shield (piping, etc.)
Power supply
/
Load
+V
0 V
OUT
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.
• If a specular body is present in the background, wrong
operation may be caused due to a small change in the
angle of the background body. In that case, install the
sensor at an inclination and confirm the operation with
the actual sensing object.
• Do not install the sensor at a distance of less than 50 mm
1.969 in from the object because the sensing is unstable
in this range.
Correct
Correct
Incorrect



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com