Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 61Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 62Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 63Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 64Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 65Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 66Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 67Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 68Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 340 page
background image
DS12737 Rev 6
65/340
STM32L552xx
Functional overview
78
The DFSDM peripheral supports:
•
Up to 4 multiplexed input digital serial channels:
–
Configurable SPI interface to connect various Σ∆ modulators
–
Configurable Manchester coded 1 wire interface support
–
Clock output for Σ∆ modulator(s)
•
Alternative inputs from up to 4 internal digital parallel channels:
–
Inputs with up to 16 bit resolution
–
Internal sources: ADCs data or memory (CPU/DMA write) data streams
•
Adjustable digital signal processing:
–
Sincx filter: filter order/type (1..5), oversampling ratio (up to 1..1024)
–
Integrator: oversampling ratio (1..256)
•
Up to 24-bit output data resolution:
–
Right bit-shifter on final data (0..31 bits)
•
Signed output data format
•
Automatic data offset correction (offset stored in register by user)
•
Continuous or single conversion
•
Start-of-conversion synchronization with:
–
Software trigger
–
Internal timers
–
External events
–
Start-of-conversion synchronously with first DFSDM filter (DFSDM_FLT0)
•
Analog watchdog feature:
–
Low value and high value data threshold registers
–
Own configurable Sincx digital filter (order = 1..3, oversampling ratio = 1..32)
–
Input from output data register or from one or more input digital serial channels
–
Continuous monitoring independently from standard conversion
•
Short-circuit detector to detect saturated analog input values (bottom and top ranges):
–
Up to 8-bit counter to detect 1..256 consecutive 0’s or 1’s on input data stream
–
Mnitoring continuously each channel (4 serial channel transceiver outputs)
•
Break generation on analog watchdog event or short-circuit detector event
•
Extremes detector:
–
Store minimum and maximum values of output data values
–
Refreshed by software
•
DMA may be used to read the conversion data
•
Interrupts: end of conversion, overrun, analog watchdog, short-circuit, channel clock
absence
•
“Regular” or “injected” conversions:
–
“Regular” conversions can be requested at any time or even in continuous mode
without having any impact on the timing of “injected” conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com