Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 19Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 20Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 21Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 22Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 23Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 24Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 25Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 26Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 340 page
background image
DS12737 Rev 6
23/340
STM32L552xx
Functional overview
78
For example, a software code in the secure Flash memory hidden protection area can
be executed only once and deny any further access to this area until next system reset.
•
Volatile block-based secure Flash area. In a block-based secure area, each page can
be programmed on-the-fly as secure or non-secure.
3.5
Embedded SRAM
The devices feature 256 Kbytes of embedded SRAM. This SRAM is split into three blocks:
•
192 Kbytes mapped at address 0x2000 0000 (SRAM1).
•
64 Kbytes located at address 0x0A03 0000 with hardware parity check (SRAM2).
This memory is also mapped at address 0x2003 0000 offering a contiguous address
space with the SRAM1.
This block is accessed through the C-bus for maximum performance. Either 64 Kbytes
or upper 4 Kbytes of SRAM2 can be retained in Standby mode.
The SRAM2 can be write-protected with 1 Kbyte granularity.
The memory can be accessed in read/write at CPU clock speed with 0 wait states.
TrustZone security
When the TrustZone security is enabled, all SRAMs are secure after reset. The SRAM can
be programmed as non-secure by block based using the MPCBB (memory protection
controller block based) in GTZC controller. The granularity of SRAM secure block based is a
page of 256 bytes.
3.6
Boot modes
At startup, a BOOT0 pin, nBOOT0 and NSBOOTADDx[24:0] / SECBOOTADD0[24:0] option
bytes are used to select the boot memory address which includes:
•
Boot from any address in user Flash
•
Boot from system memory bootloader
•
Boot from any address in embedded SRAM
•
Boot from Root Security service (RSS)
The BOOT0 value may come from the PH3-BOOT0 pin or from an option bit depending on
the value of a user option bit to free the GPIO pad if needed.
The boot loader is located in the system memory. It is used to reprogram the Flash memory
by using USART, I2C, SPI, FDCAN or USB FS in device mode through the DFU (device
firmware upgrade).
The bootloader is available on all devices. Refer to the application note STM32
microcontroller system memory boot mode (AN2606) for more details.
The root secure services (RSS) are embedded in a Flash memory area named secure
information block, programmed during ST production.
The RSS enables for example the secure firmware installation (SFI) thanks to the RSS
extension firmware (RSSe SFI).
This feature allows the customers to protect the confidentiality of the firmware to be
provisioned into the STM32 device when the production is subcontracted to a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com