Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L552VCU6PXXX Datasheet HTML 1Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 2Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 3Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 4Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 5Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 6Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 7Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 8Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 340 page
background image
This is information on a product in full production.
October 2020
DS12737 Rev 6
1/340
STM32L552xx
Ultra-low-power Arm® Cortex®-M33 32-bit MCU+TrustZone®+FPU,
165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
Datasheet
- production data
Features
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• -40 °C to 85/125 °C temperature range
• Batch acquisition mode (BAM)
• 187 nA in VBAT mode: supply for RTC and
32x32-bit backup registers
• 17 nA Shutdown mode (5 wakeup pins)
• 108 nA Standby mode (5 wakeup pins)
• 222 nA Standby mode with RTC
• 3.16 μA Stop 2 with RTC
• 106 μA/MHz Run mode (LDO mode)
• 62 μA/MHz Run mode @ 3 V
(SMPS step-down converter mode)
• 5 µs wakeup from Stop mode
• Brownout reset (BOR) in all modes except
Shutdown
Core
• Arm® 32-bit Cortex®-M33 CPU with
TrustZone® and FPU
ART Accelerator
• 8-Kbyte instruction cache allowing 0-wait-state
execution from Flash memory and external
memories; frequency up to 110 MHz, MPU,
165 DMIPS and DSP instructions
Performance benckmark
• 1.5 DMIPS/MHz (Drystone 2.1)
• 442 CoreMark® (4.02 CoreMark®/MHz)
Energy benchmark
• 370 ULPMark-CP® score
• 54 ULPMark-PP® score
• 27400 SecureMark-TLS® score
Memories
• Up to 512-Kbyte Flash, two banks read-while-
write
• 256 Kbytes of SRAM including 64 Kbytes with
hardware parity check
• External memory interface supporting SRAM,
PSRAM, NOR, NAND and FRAM memories
• OCTOSPI memory interface
Security
• Arm® TrustZone® and securable I/Os,
memories and peripherals
• Flexible life cycle scheme with RDP (readout
protection)
• Root of trust thanks to unique boot entry and
hide protection area (HDP)
• SFI (secure firmware installation) thanks to
embedded RSS (root secure services)
• Secure firmware upgrade support with TF-M
• HASH hardware accelerator
• Active tamper and protection against
temperature, voltage and frequency attacks
• True random number generator NIST SP800-
90B compliant
• 96-bit unique ID
UFQFPN48 (7 x 7 mm)
UFBGA132 (7 x 7 mm)
WLCSP81 (4.36 x 4.07 mm)
(*): Silhouette shown above.
LQFP48 (7 x 7 mm)
LQFP64 (10 x 10 mm
)
LQFP100(*) (14 x14 mm)
LQFP144 (20 x 20mm)
FBGA
www.st.com


Similar Part No. - STM32L552VCU6PXXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L552VC STMICROELECTRONICS-STM32L552VC Datasheet
774Kb / 2P
Excellence in ultra-low power with more security
Apr-2020
More results

Similar Description - STM32L552VCU6PXXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com