Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 155Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 156Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 157Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 158Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 159Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 160Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 161Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 162Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 340 page
background image
Table 39. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in dual bank, ICACHE ON in 2-way
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK =
fHSE up to
48MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disabled
Range 2
26 MHz
3.19
3.53
4.57
6.08
8.87
4.38
6.84
12.13
18.79
29.69
mA
16 MHz
2.05
2.38
3.41
4.90
7.67
3.24
5.69
10.96
17.60
28.45
8 MHz
1.13
1.45
2.47
3.95
6.71
2.33
4.77
10.03
16.64
27.47
4 MHz
0.67
0.99
1.98
3.48
6.22
1.87
4.30
9.56
16.16
26.97
2 MHz
0.43
0.75
1.76
3.24
5.97
1.64
4.07
9.32
15.92
26.73
1 MHz
0.32
0.63
1.63
3.13
5.85
1.59
4.02
9.26
15.86
26.66
100 KHz
0.22
0.53
1.53
3.00
5.75
1.43
3.85
9.10
15.70
26.48
Range 0 110 MHz 16.66
17.28
18.84
20.97
24.75
19.07
23.15
31.38
41.18
56.65
Range 1
80 MHz
11.39
11.91
13.30
15.22
18.68
13.33
16.88
24.17
33.02
46.97
72 MHz
10.28
10.79
12.16
14.08
17.52
12.22
15.76
23.03
31.87
45.80
64 MHz
9.18
9.68
11.02
12.93
16.35
11.10
14.64
21.89
30.72
44.63
48 MHz
6.95
7.43
8.76
10.63
14.02
8.85
12.38
19.62
28.43
42.33
32 MHz
4.72
5.17
6.48
8.33
11.68
6.61
10.12
17.32
26.10
39.96
24 MHz
3.61
4.05
5.35
7.20
10.50
5.49
8.98
16.17
24.94
38.85
16 MHz
2.50
2.92
4.20
6.04
9.33
4.37
7.85
15.02
23.77
37.67
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disabled
2 MHz
402.64 785.95
1919
3558
6501
2025
4984
12805
20319
31556
µA
1 MHz
274.43 651.32
1775
3435
6367
1907
4958
11887
18764
31438
400 KHz 184.36 568.08
1697
3359
6278
1835
4759
11810
18426
31274
100 KHz 164.07 526.82
1660
3306
6238
1797
4578
11807
18139
30765



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com