Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 161Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 162Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 163Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 164Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 165Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 166Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 167Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 168Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 340 page
background image
Table 45. Current consumption in Run and Low-power run modes,
code with data processing running from SRAM1
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48MHz
included,
bypass
mode PLL
ON above 48
MHz all
peripherals
disabled
Range 2
26 MHz
3.25
3.59
4.62
6.12
8.92
4.44
6.89
12.15
18.80
29.60
mA
16 MHz
2.08
2.41
3.43
4.93
7.69
3.27
5.72
10.96
17.61
28.38
8 MHz
1.15
1.47
2.47
3.97
6.73
2.35
4.78
10.01
16.64
27.40
4 MHz
0.68
1.00
1.99
3.51
6.23
1.88
4.31
9.53
16.16
26.91
2 MHz
0.44
0.76
1.75
3.25
5.97
1.65
4.07
9.30
15.92
26.67
1 MHz
0.32
0.64
1.64
3.14
5.86
1.59
4.01
9.24
15.86
26.61
100 KHz
0.22
0.53
1.52
3.03
5.76
1.42
3.84
9.06
15.68
26.43
Range 0 110 MHz
16.99
17.57
19.10
21.22
24.94
19.40
23.45
31.63
41.44
56.82
Range 1
80 MHz
11.63
12.13
13.48
15.38
18.76
13.57
17.11
24.35
33.21
47.09
72 MHz
10.50
10.99
12.33
14.22
17.62
12.42
15.96
23.19
32.04
45.92
64 MHz
9.37
9.85
11.18
13.07
16.43
11.28
14.81
22.04
30.87
44.74
48 MHz
7.10
7.56
8.87
10.74
14.10
8.99
12.51
19.71
28.54
42.40
32 MHz
4.826
5.27
6.55
8.40
11.70
6.70
10.20
17.38
26.18
40.08
24 MHz
3.68
4.11
5.37
7.23
10.54
5.55
9.05
16.21
24.99
38.88
16 MHz
2.54
2.97
4.22
6.05
9.34
4.41
7.89
15.04
23.81
37.68
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disabled
FLASH in power-down
2 MHz
385.23
772.80
1911
3545
6506
2010
4724
12895
21185
30901
µA
1 MHz
271.61
633.31
1776
3405
6382
1896
4686
12648
20905
30715
400 KHz 198.95
554.43
1694
3337
6298
1818
4633
10788
18052
30448
100 KHz 142.82
517.78
1638
3286
6267
1423
3848
9073
15687
26433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com