Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 166Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 167Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 168Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 169Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 170Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 171Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 172Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 173Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 340 page
background image
Table 50. Typical current consumption in Run mode with SMPS,
with different codes running from Flash, ICACHE ON (2-way)
Symbol
Parameter
Conditions
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
-
Voltage scaling
Code
25°C
25°C
-
25°C
25°C
-
IDD
(Run)
Supply current in
Run mode
fHCLK=fHSE up to
48 MHZ included,
bypass mode PLL ON
above 48 MHz all
peripherals disabled
Range2, SMPS
LP
fHCLK=26 MHz
Reduced
code
1.88
1.85
mA
72
71
µA/MHz
Coremark
2.00
1.98
77
76
Dhrystone2.1
2.13
2.09
82
81
Fibonacci
1.79
1.77
69
68
While
1.65
1.64
64
63
Range 1, SMPS
HP
fHCLK=80 MHz
Reduced
code
7.0
7.0
mA
88
87
µA/MHz
Coremark
7.5
7.5
94
93
Dhrystone2.1
8.0
7.9
100
99
Fibonacci
6.7
6.6
83
83
While
6.1
6.1
77
76
Range 0, SMPS
HP
fHCLK= 110 MHz
Reduced
code
11.2
11.1
mA
102
101
µA/MHz
Coremark
12.2
12.1
111
110
Dhrystone2.1
13.0
12.9
118
117
Fibonacci
10.6
10.6
97
96
While
9.3
9.3
85
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com