Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 171Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 172Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 173Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 174Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 175Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 176Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 177Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 178Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 340 page
background image
Table 55. Typical current consumption in Run and Low-power run modes,
with different codes running from SRAM1
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage scaling
Code
25°C
25°C
IDD (Run)
Supply current in
Run mode
fHCLK=fHSE up to 48 MHZ
included, bypass mode PLL
ON above 48 MHz all
peripherals disabled
Range2
fHCLK=26MHz
Reduced code
3.26
mA
125
µA/MHz
Coremark
3.41
131
Dhrystone2.1
3.35
129
Fibonacci
3.50
134
While
3.82
147
Range 1 fHCLK=80
MHz
Reduced code
11.6
mA
145
µA/MHz
Coremark
12.22
153
Dhrystone2.1
11.9
149
Fibonacci
12.5
157
While
13.93
174
Range 0
fHCLK= 110 MHz
Reduced code
17.0
mA
154
µA/MHz
Coremark
17.88
163
Dhrystone2.1
17.4
159
Fibonacci
18.3
166
While
20.4
186
IDD(LPRun)
Supply current in
Low-power run
fHCLK = fMSI = 2MHz all peripherals disabled
Reduced code
385
µA
193
µA/MHz
Coremark
421
211
Dhrystone2.1
384
192
Fibonacci
409
204
While
442
221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com