Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 207 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 207 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 203Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 204Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 205Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 206Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 207Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 208Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 209Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 210Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 340 page
background image
DS12737 Rev 6
207/340
STM32L552xx
Electrical characteristics
307
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 82. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 24:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 82. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 82. Peripheral current consumption
Peripheral
Range 0
Range 1
Range 2
Low-power
run and
sleep
Unit
AHB
Bus matrix
5.85
5.47
4.09
5.36
µA/MHz
DMA1
3.67
3.38
2.54
3.16
DMA2
3.71
3.43
2.56
3.20
DMAMUX1
7.11
6.64
4.96
6.16
FLASH
5.324.953.69
4.59
SRAM1
2.03
1.90
1.43
1.75
CRC
1.05
0.99
0.76
0.95
TSC
1.771.671.24
1.49
GTZC
0.38
0.36
0.27
0.35
ICACHE
0.38
0.38
0.27
1.00
GPIOA
0.40
0.41
0.30
0.32
GPIOB
0.25
0.23
0.17
0.22
GPIOC
0.31
0.27
0.21
0.37
GPIOD
0.30
0.26
0.21
0.26
GPIOE
0.19
0.17
0.16
0.21
GPIOF
0.21
0.18
0.14
0.19
GPIOG
0.32
0.26
0.22
0.31
GPIOH
0.29
0.27
0.21
0.25
SRAM2
3.32
3.08
2.34
2.90
ADC AHB clock domain
5.92
5.49
4.16
5.11
ADC independent clock domain
0.15
0.14
0.08
0.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com