Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 231 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 231 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 227Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 228Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 229Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 230Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 231Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 232Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 233Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 234Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 340 page
background image
Ilkg
Input leakage
current
FT_xx(3)
0 < VIN ≤ Max(VDDXXX)(4)(5)
-
-
±100
nA
Max(VDDXXX) ≤ VIN ≤ Max(VDDXXX) + 1 V(4)(5)
-
-
650
Max(VDDXXX) + 1 V < VIN ≤ 5.5 V(4)(5)
-
-
200
FT_u
0 <VIN ≤ Max(VDDXXX)(4)(5)
-
-
±150
Max(VDDXXX) ≤ VIN ≤ Max(VDDXXX) +1 V(4)(5)
-
-
2500(6)
Max(VDDXXX) +1 V < VIN ≤ 5.5 V(4)(5)(7)
-
-
250(6)
TT_xx
VIN ≤ Max(VDDXXX)(5)
-
-
±150
Max(VDDXXX) ≤ VIN < 3.6 V(5)
-
-
2000(2)
OPAMPx_VINM(x=1,2)
-
-
-
(8)
FT_c
0 <VIN ≤ Max(VDDXXX)(3)
-
-
2000
Max(VDDXXX) < VIN ≤ 5 V(3)(5)(6)
-
-
3000
FT_d
0 <VIN ≤ Max(VDDXXX)(5)
-
-
4500
Max(VDDXXX) < VIN ≤ 5.5 V(3)(4)(5)
-
-
9000
RPU Weak pull-up equivalent resistor
VIN = VSS
25
40
55
kΩ
RPD Weak pull-down equivalent resistor
VIN = VDDIOx
25
40
55
kΩ
CIO
I/O pin capacitance
-
-
5
-
pF
1. Refer to Figure 40: I/O input characteristics.
2. Guaranteed by design.
3. All FT_xx IO except FT_u and FT_c.
4. This value represents the pad leakage of the IO itself. The total product pad leakage is provided by this formula: ITotal_Ileak_max = 10 μA + [number of IOs where VIN is
applied on the pad] × Ilkg(Max).
5. Max(VDDXXX) is the maximum value of all the I/O supplies. Refer to Table: Legend/Abbreviations used in the pinout table.
6. To sustain a voltage higher than MIN(VDD, VDDA, VDDIO2 and VDDUSB) +0.3 V, the internal Pull-up and Pull-Down resistors must be disabled.
7. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This PMOS/NMOS contribution to the series resistance is
minimal (~10% order).
8. Refer to Ibias in Table 119: OPAMP characteristics for the values of the OPAMP dedicated input leakage current.
Table 102. I/O static characteristics (continued)
Sym
bol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com