Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 276 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 276 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 272Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 273Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 274Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 275Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 276Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 277Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 278Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 279Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 280Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 340 page
background image
Electrical characteristics
STM32L552xx
276/340
DS12737 Rev 6
Figure 51. SAI master timing waveforms
tv(FS)
FS valid time
Master mode
2.7<=VDD<=3.6
-21
ns
Master mode
1.71<=VDD<=3.6
-25
th(FS)
FS hold time
Master mode
10
-
tsu(FS)
FS setup time
Slave mode
1.5
-
th(FS)
FS hold time
Slave mode
2.5
-
tsu(SD_A_MR)
Data input setup time
Master receiver
1
-
tsu(SD_B_SR)
Slave receiver
1.5
-
th(SD_A_MR)
Data input hold time
Master receiver
5
-
th(SD_B_SR)
Slave receiver
0
-
tv(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge)
2.7<=VDD<=3.6
-19
Slave transmitter (after enable edge)
1.71<=VDD<=3.6
-25
th(SD_B_ST)
Data output hold time
Slave transmitter (after enable edge)
10
-
tv(SD_A_MT)
Data output valid time
Master transmitter (after enable edge)
2.7<=VDD<=3.6
-17
Master transmitter (after enable edge)
1.71<=VDD<=3.6
-25
th(SD_A_MT)
Data output hold time
Master transmitter (after enable edge)
9
-
1. Guaranteed by characterization results.
2. 2.APB clock frequency must be at least twice SAI clock frequency.
Table 130. SAI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
MS32771V1
SAI_SCK_X
SAI_FS_X
(output)
1/fSCK
SAI_SD_X
(transmit)
tv(FS)
Slot n
SAI_SD_X
(receive)
th(FS)
Slot n+2
tv(SD_MT)
th(SD_MT)
Slot n
tsu(SD_MR)
th(SD_MR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com