Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 284 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 284 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 280Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 281Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 282Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 283Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 284Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 285Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 286Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 287Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 340 page
background image
Electrical characteristics
STM32L552xx
284/340
DS12737 Rev 6
Table 136. Asynchronous multiplexed PSRAM/NOR read timings(1)
1. Guaranteed by characterization results, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4THCLK-0.5
4THCLK
+1
Ns
tv(NOE_NE)
FMC_NEx low to FMC_NOE low
2THCLK -0.5
2THCLK
+1
tw(NOE)
FMC_NOE low time
THCLK-0.5
THCLK+
0.5
th(NE_NOE)
FMC_NOE high to FMC_NE high
hold time
THCLK-1
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
3
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0.5
1.5
tw(NADV)
FMC_NADV low time
THCLK
THCLK+
1.5
th(AD_NADV)
FMC_AD(address) valid hold time
after FMC_NADV high)
THCLK-3
-
th(A_NOE)
Address hold time after
FMC_NOE high
Address holded until next
read operation
-
tsu(Data_NE) Data to FMC_NEx high setup time
THCLK+14
-
tsu(Data_NOE)
Data to FMC_NOE high setup
time
14
-
th(Data_NE)
Data hold time after FMC_NEx
high
0-
th(Data_NOE)
Data hold time after FMC_NOE
high
0-
Table 137. Asynchronous multiplexed PSRAM/NOR read-NWAIT timings(1)
1. Guaranteed by characterization results, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
8THCLK-0.5
9THCLK+1
Ns
tw(NOE)
FMC_NOE low time
5THCLK -0.5 6THCLK +1
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5THCLK+12
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT
invalid
4THCLK+11
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com