Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 299 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 299 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 295Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 296Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 297Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 298Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 299Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 300Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 301Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 302Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 303Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 340 page
background image
DS12737 Rev 6
299/340
STM32L552xx
Electrical characteristics
307
The following table summarizes the parameters measured in DTR mode (no DQS).
Table 147. OCTOSPI(1) characteristics in DTR mode (no DQS)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(CLK)
OCTOSPI clock
frequency
1.71<VDD<3.6
Voltage ranges 0/1
20 pF
--
56
MHz
2.7<VDD<3.6
Voltage ranges 0/1
20 pF
--
60
1.71<VDD<3.6
Voltage ranges 0/1
15 pF
--
60
1.71<VDD<3.6
Voltage range 2
--
26
tw(CKH)
OCTOSPI clock
high and low time
PRESCALER[7:0] =
n = 0,1,3,5
t(CK)/2
-0.5
-
t(CK)/2+0.5
ns
tw(CKL)
t(CK)/2
-0.5
-
t(CK)/2+0.5
tw(CKH)
OCTOSPI clock
high and low time
Odd division
PRESCALER[7:0] =
n = 2,4,6,8
(n/2)×t(CK)/(n+1)-
0.5
-
(n/2)×t(CK)/(n+1)+
0.5
tw(CKL)
(n/2+1)×t(CK)/
(n+1) -0.5
-
(n/2+1)×t(CK)/
(n+1)+0.5
tsr(IN), tsf(IN)
Data input setup
time
Voltage ranges 0/1
2.5
-
-
Voltage range 2
1.5
-
-
thr(IN),thf(IN)
Data input hold
time
Voltage ranges 0/1
3
-
-
Voltage range 2
4
-
-
tvr(OUT),
tvf(OUT)
Data output valid
time
Voltage
ranges
0/1
DHQC=0
-
5.5
7.25
DHQC=1
Pres=1,2
…
-
Tpclk
/4
+0.5
Tpclk/4
+2
Voltage range 2
DHQC=0
-8
10
thr(OUT),
thf(OUT)
Data output hold
time
Voltage
ranges
0/1
DHQC=0
5
-
-
DHQC=1
Pres=1,2
…
Tpclk/4
-0.25
--
Voltage range 2
DHQC=0
8-
-
1. Values in the table applies to octal and quad SPI mode.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com