Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PXXX Datasheet(PDF) 334 Page - STMicroelectronics

Part # STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Datasheet(HTML) 334 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 330Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 331Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 332Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 333Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 334Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 335Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 336Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 337Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 338Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 340 page
background image
Ordering information
STM32L552xx
334/340
DS12737 Rev 6
7
Ordering information
1. All packages are ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony-oxide
flame retardants).
2. For a list of available options (speed, package, etc.) or for further information on any aspect of this device,
please contact your nearest ST sales office.
Table 163. STM32L552xx ordering information scheme
Example:
STM32
L
552
V
E T
6 Q TR
Device family
STM32 =
Arm® based 32-bit microcontroller
Product type
L = ultra-low-power
Device subfamily
552 = STM32L552xx
Pin count
C = 48 pins
R = 64 pins
M = 81 pins
V = 100 pins
Q = 132 balls
Z = 144 pins
Flash memory size
E = 512 Kbytes of Flash memory
C= 256 Kbytes of Flash memory
Package
T = LQFP
I = UFBGA
U = UFQFPN
Y = WLCSP
Temperature range
6 = Industrial temperature range, -40 to 85 °C (105 °C junction)
3 = Industrial temperature range, -40 to 125 °C (130°C junction)
Dedicated pinout
Q = Dedicated pinout supporting SMPS step down converter
P = Dedicated pinout supporting external SMPS
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com