Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6710 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM6710
Description  Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710 Datasheet(HTML) 5 Page - STMicroelectronics

  STM6710 Datasheet HTML 1Page - STMicroelectronics STM6710 Datasheet HTML 2Page - STMicroelectronics STM6710 Datasheet HTML 3Page - STMicroelectronics STM6710 Datasheet HTML 4Page - STMicroelectronics STM6710 Datasheet HTML 5Page - STMicroelectronics STM6710 Datasheet HTML 6Page - STMicroelectronics STM6710 Datasheet HTML 7Page - STMicroelectronics STM6710 Datasheet HTML 8Page - STMicroelectronics STM6710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID16887 Rev 4
5/20
STM6700, STM6710
Functional description
20
Table 2. Signal names
Pin
Name
Type
Function (STM6710 / STM6700)
1
V1IN
Input
Input voltage 1
2
V2IN
Input/supply
Input voltage 2 and device power supply pin
VCC
For the triple monitor voltage STM6700 and for STM6710Q, this pin
is the VCC supply pin and it is not monitored
3V3IN
Input
Input voltage 3
4
V4IN
Input voltage 4
5
GND
Supply
Ground
6
RESET
Output
Active low, open drain RESET output. Output goes low when any
input drops below the specified threshold. Once all inputs rise above
their threshold voltages, RESET remains low for typical 200 ms
(STM6710) before going high.
For the triple monitor (STM6700) it remains low for 5 µs
(propagation delay - no tREC).
The open drain RESET has a weak (10 µA) internal pull-up to V2IN
(STM6710) or VCC (STM6700/STM6710Q).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com