Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6710 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM6710
Description  Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM6710 Datasheet HTML 2Page - STMicroelectronics STM6710 Datasheet HTML 3Page - STMicroelectronics STM6710 Datasheet HTML 4Page - STMicroelectronics STM6710 Datasheet HTML 5Page - STMicroelectronics STM6710 Datasheet HTML 6Page - STMicroelectronics STM6710 Datasheet HTML 7Page - STMicroelectronics STM6710 Datasheet HTML 8Page - STMicroelectronics STM6710 Datasheet HTML 9Page - STMicroelectronics STM6710 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Pinout and pin description
STM6700, STM6710
6/20
DocID16887 Rev 4
3
Pinout and pin description
Figure 3. Pinout SOT23-6
1.
Open drain
2.
For the STM6700 and STM6710Q, pin 2 is a fixed VCC, thereby making it a triple voltage reset, while the
STM6710 is a quad voltage reset.
V1IN, V3IN,V4IN (VxIN)
The VxIN pins are used for nominal input voltages for 1.8 V, 2.5 V and 5.0 V supplies. The
voltage at this pin is compared against an internal factory-programmed voltage trip point,
Vrst.
RESET is first asserted low when the device is initially powered and VxIN < 1 V and then at
any time thereafter when VxIN falls below Vrst. The device is designed with typical
hysteresis of 0.3% with respect to its threshold to help prevent oscillation due to noise and is
immune to brief power supply transients.
V2IN
The V2IN is used to power the STM6710 device. In normal operations V2IN is also
monitored. For STM6710Q and STM6700 variations this pin is the VCC power supply but is
not monitored.
Ground (VSS)
This pin (GND) is the ground pin for the power supply and is tied to VSS.
RESET
The RESET output is an open drain output that asserts low whenever a monitored supply
falls below the minimum threshold. STM6710 provides an extended reset timeout period of
typically 200 ms.
1
V1IN
V4IN
V3IN
V2IN (VCC) 2
3
4
6
SOT23-6
5
GND
RESET
(1)
AM04618v1
STM6710
STM6700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com