Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6710 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6710
Description  Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6710 Datasheet HTML 3Page - STMicroelectronics STM6710 Datasheet HTML 4Page - STMicroelectronics STM6710 Datasheet HTML 5Page - STMicroelectronics STM6710 Datasheet HTML 6Page - STMicroelectronics STM6710 Datasheet HTML 7Page - STMicroelectronics STM6710 Datasheet HTML 8Page - STMicroelectronics STM6710 Datasheet HTML 9Page - STMicroelectronics STM6710 Datasheet HTML 10Page - STMicroelectronics STM6710 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID16887 Rev 4
7/20
STM6700, STM6710
Device operation
20
4
Device operation
The STM6710 is capable of monitoring up to 4 voltages in a multisupply application. The
device is available in several preset voltage thresholds for power supplies of 1.8 V, 2.5 V,
3.0 V, 3.3 V and 5.0 V. The STM6710 is powered by the V2IN pin which is also a monitored
voltage, thus making this a quad voltage monitor. The STM6710Q and STM6700 use this
pin as VCC which is not monitored and thereby limits these devices to three adjustable
voltage inputs. If any of the monitored input voltage falls below its associated threshold, the
active low reset output is asserted and remains low as long as V1IN or V2IN remains above
1.0 V.
Figure 4. Hardware hookup (typical application diagram)
4.1
RESET output configuration
The RESET output asserts low if a monitored input voltage drops below its threshold. This is
an open drain with a weak internal pull-up to V2IN or the VCC supply, and is typically 10 µA.
However, many applications may not require an external pull-up resistor. In case a pull-up
resistor is required and is connected to a voltage ranging from 0 to 5.5 V (as shown in
Figure 5), it can overdrive the weak internal pull-up. The STM6710 has built-in circuitry to
prevent this reverse current flow to V2IN under this condition.
Figure 5. Interface to external pull-up using a different supply voltage
V1IN
V2IN (V
CC)
V3IN
V4IN
RESET
GND
SUPPLIES
TO BE
MONITORED
µP
STM6710
AM04620v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com