Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1DPQR Datasheet(PDF) 121 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 117Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 118Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 119Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 120Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 121Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 122Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 123Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 124Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
6.7.4
NVM LDOs rank shadow register 2 (NVM_LDOS_RANK_SHR2)
Table 68. NVM_LDOS_RANK_SHR2
7
6
5
4
3
2
1
0
BUCK4_CLAMP
LDO3_BYPASS
REFDDR_RANK[1:0]
LDO6_RANK[1:0]
LDO5_RANK[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0xFB
Type: read write register
Default: depends on part number refer to Table 64. NVM shadow register map
Description: NVM LDOs rank shadow register 2
[7]
BUCK4_CLAMP: Clamp Buck4 output value to 1.3 V max.
0: VOUT[5:0] of Buck4 is not clamped
1: VOUT[5:0] of Buck4 is clamped to b011100 (1.3 V)
[6]
LDO3_BYPASS: LDO3 forced bypass mode
0: LDO3 not in bypass mode
1: LDO3 in bypass mode
[5:4]
REFDDR_RANK[1:0]:
00: rank0
01: rank1
10: rank2
11: rank3
[3:2]
LDO6_RANK[1:0]:
00: rank0
01: rank1
10: rank2
11: rank3
[1:0]
LDO5_RANK[1:0]:
00: rank0
01: rank1
10: rank2
11: rank3
STPMIC1
NVM shadow registers
DS12792 - Rev 7
page 121/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com