Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1DPQR Datasheet(PDF) 124 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 120Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 121Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 122Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 123Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 124Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 125Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 126Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 127Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 140 page
background image
6.7.7
NVM LDOs voltage output shadow register 2 (NVM_LDOS_VOUT_SHR2)
Table 71. NVM_LDOS_VOUT_SHR2
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
LDO6_VOUT[1:0]
LDO5_VOUT[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0xFE
Type: read write register
Default: depends on part number refer to Table 64. NVM shadow register map
Description: NVM LDO5-6 voltage output shadow register.
[7:4]
reserved
[3:2]
LDO6_VOUT[1:0]: LDO6 default output selection
00: 1.0 V
01: 1.2 V
10: 1.8 V
11: 3.3 V
[1:0]
LDO5_VOUT[1:0]: LDO5 default output selection
00: 1.8 V
01: 2.5 V
10: 2.9 V
11 : 3.3 V
STPMIC1
NVM shadow registers
DS12792 - Rev 7
page 124/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com