Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1EPQR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPMIC1EPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1EPQR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPMIC1EPQR Datasheet HTML 4Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 5Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 6Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 7Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 8Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 9Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 10Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 11Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
3.3
Consumption in typical application scenarios
Table 6. Consumption in typical application scenarios
Application
mode
Application description
Conditions
Min. Typ. Max. Unit
STPMIC1 VIN input current consumption (all supply pins connected to VIN, VIN = 3.6 V, VIO = 1.8 V(from VOUT3), TA=
+25 °C)
OFF
Application is OFF, waiting
for turn-on event to start
STPMIC1 in OFF-state
Turn-on from PONKEYn, WAKEUP and
VBUSOTG/SWOUT active
No activity on I2C
VIO=0 V (BUCK3 is OFF)
50
µA
STANDBY
Application is in
STANDBY,AP always ON
power domain is present
STPMIC1 in POWER_ON state
IRQ from PONKEYn, WAKEUP and VBUSOTG/
SWOUT
BUCK3 active in LP mode, VOUT3=1.8 V
All other regulators OFF
All outputs without load
No activity on I2C
110
µA
STOP
Application is in STOP
mode, AP core voltages
are supplied, and DDR
memory in self refresh
STPMIC1 in POWER_ON state
IRQ from PONKEYn WAKEUP and VBUSOTG/
SWOUT
BUCK1 active in LP mode, VOUT=1.2 V
BUCK2 active in LP mode, VOUT=1.2 V
BUCK3 active in LP mode, VOUT=1.8 V
REF_DDR active
LDO3 active
All other regulators OFF
All outputs without load
No activity on I2C
370
µA
RUN
Application is running
STPMIC1 in POWER_ON state
IRQ from PONKEYn WAKEUP and VBUSOTG/
SWOUT
BUCK1 active in HP mode, VOUT=1.2 V
BUCK2 active in HP mode, VOUT=1.2 V
BUCK3 active in HP mode, VOUT=1.8 V
REF_DDR active
LDO3 active, VOUT=1.8 V
All other regulators OFF
All outputs without load
No activity on I2C
1.2
mA
STPMIC1
Consumption in typical application scenarios
DS12792 - Rev 7
page 8/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com