Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1EPQR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPMIC1EPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1EPQR Datasheet(HTML) 4 Page - STMicroelectronics

  STPMIC1EPQR Datasheet HTML 1Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 2Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 3Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 4Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 5Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 6Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 7Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 8Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
2.1
Recommended external components
Table 2. Passive components
Component
Manufacturer
Part number
Value
Size
CVIN, CLDO1OUT, CLDO2OUT, CLDO4OUT, CLDO5OUT,
CLDO6OUT, CINTLDO
Murata
GRM155R60J475ME47#(1) 4.7 µF 0402
CVLXBST, CBUCK1IN, CBUCK2IN, CBUCK3IN, CBUCK4IN,
CLDO3IN, CLDO3OUT(2)
GRM188R61A106KE69D
10 µF 0603
CLDO16IN, CLDO25IN, CVREF
GRM155R61E105KA12
1 µF
0402
CVBUSOTG
GRM188R61C475KE11#
4.7 µF 0603
CBSTOUT, CVOUT1, CVOUT2, CVOUT3, CVOUT4
GRM188R60J226MEA0
22 µF 0603
CSWOUT
GRM31CR60J227ME11L
220 µF 1206
LX1, LX2, LX3, LX4, LXB
DFE252012P-1R0M=P2
1 µH
1008
1. # is the last P/N digit; it indicates a package specification code.
2. 4.7 µF normal mode - 10 µF sink/source mode - no cap bypass mode.
Note:
All the components above refer to a typical application. Operation of the device is not limited to the choice of
these external components.
STPMIC1
Recommended external components
DS12792 - Rev 7
page 4/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com