Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1EPQR Datasheet(PDF) 93 Page - STMicroelectronics

Part # STPMIC1EPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1EPQR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STPMIC1EPQR Datasheet HTML 89Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 90Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 91Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 92Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 93Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 94Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 95Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 96Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
6.4.6
BUCKx ALTERNATE mode control registers (BUCKx_ALT_CR)(x=1..4)
Table 43. BUCKx_ALT_CR
7
6
5
4
3
2
1
0
VOUT[5:0]
PREG_MODE
ENA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x30 to 0x33
Type: read/write register
Default: 0bXXXXXX00 where X depends on the value programmed in NVM
Description: BUCKx ALTERNATE mode control registers. The register is set to a default value in CHECK&LOAD.
User can write to these registers to control enable, regulation mode and voltage settings of BUCKx that is applied
to ALTERNATE mode.
[7:2]
VOUT[5:0]: refer to Table 10. BUCK output settings
[1]
PREG_MODE: Force high power - low power mode of buck
0: high power mode (HP)
1: low power mode (LP)
[0]
ENA: buck enable bit
0: buck is disabled
1: buck is enabled
STPMIC1
Power supplies control registers
DS12792 - Rev 7
page 93/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com