Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW12N170K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW12N170K5
Description  N-channel 1700 V, 2.3 Ω typ., 5 A, MDmesh™K5 Power MOSFET in a TO??47 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12N170K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STW12N170K5 Datasheet HTML 1Page - STMicroelectronics STW12N170K5 Datasheet HTML 2Page - STMicroelectronics STW12N170K5 Datasheet HTML 3Page - STMicroelectronics STW12N170K5 Datasheet HTML 4Page - STMicroelectronics STW12N170K5 Datasheet HTML 5Page - STMicroelectronics STW12N170K5 Datasheet HTML 6Page - STMicroelectronics STW12N170K5 Datasheet HTML 7Page - STMicroelectronics STW12N170K5 Datasheet HTML 8Page - STMicroelectronics STW12N170K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG191120181151SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
10 3
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
Operation in this area
is limited by RDS(on)
Single pulse, TC = 25 °C,
TJ ≤ 150 °C, VGS = 10 V
Operation in this area
is limited by RDS(on)
Figure 2. Thermal impedance
Figure 3. Output characteristics
GADG191120181130OCH
8
7
6
5
4
3
2
1
0
0
6
12
18
24
30
ID
(A)
VDS (V)
VGS = 9, 10 V
VGS = 8 V
VGS = 7 V
VGS = 6 V
Figure 4. Transfer characteristics
GADG211120180929TCH
8
7
6
5
4
3
2
1
0
2
3
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GADG191120181138QVG
1200
1000
800
600
400
200
0
12
10
8
6
4
2
0
0
6
12
18
24
30
36
VDS
(V)
VGS
(V)
Qg (nC)
VDS
VDD = 1360 V, ID = 5 A
Qgd
Qg
Figure 6. Static drain-source on-resistance
GADG191120181132RID
2.40
2.35
2.30
2.25
2.20
0
1
2
3
4
5
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STW12N170K5
Electrical characteristics (curves)
DS12847 - Rev 1
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com