Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW12N170K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW12N170K5
Description  N-channel 1700 V, 2.3 Ω typ., 5 A, MDmesh™K5 Power MOSFET in a TO??47 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12N170K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STW12N170K5 Datasheet HTML 1Page - STMicroelectronics STW12N170K5 Datasheet HTML 2Page - STMicroelectronics STW12N170K5 Datasheet HTML 3Page - STMicroelectronics STW12N170K5 Datasheet HTML 4Page - STMicroelectronics STW12N170K5 Datasheet HTML 5Page - STMicroelectronics STW12N170K5 Datasheet HTML 6Page - STMicroelectronics STW12N170K5 Datasheet HTML 7Page - STMicroelectronics STW12N170K5 Datasheet HTML 8Page - STMicroelectronics STW12N170K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
1700
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 1700 V
1
µA
VGS = 0 V, VDS = 1700 V,
TC = 125 °C(1)
50
µA
IGSS
Gate body leakage current
VDS = 0, VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on- resistance
VGS = 10 V, ID = 2.5 A
2.3
2.9
Ω
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0 V, VDS = 100 V, f = 1 MHz
-
1380
-
pF
Coss
Output capacitance
-
73
-
pF
Crss
Reverse transfer capacitance
-
2.7
-
pF
Co(tr)(1)
Time-related equivalent
capacitance
VDS = 0 V to 1360 V, VGS = 0 V
-
65
-
pF
Co(er)(2)
Energy-related equivalent
capacitance
-
26
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
3.8
-
Ω
Qg
Total gate charge
VDD = 1360 V, ID = 5 A
VGS = 0 to 10 V
(see Figure 15. Test circuit for gate
charge behavior)
-
37
-
nC
Qgs
Gate-source charge
-
10
-
nC
Qgd
Gate-drain charge
-
19
-
nC
1. This parameter is defined as a constant equivalent capacitance giving the same charging time as COSS when VDS increases
from 0 to 80% VDSS.
2. This parameter is defined as a constant equivalent capacitance giving the same stored energy as COSS when VDS
increases from 0 to 80% VDSS.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 850 V, ID = 2.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 14. Test circuit for
resistive load switching times and
Figure 19. Switching time
waveform)
-
22
-
ns
tr
Rise time
-
7
-
ns
td(off)
Turn-off delay time
-
74
-
ns
tf
Fall time
-
51
-
ns
STW12N170K5
Electrical characteristics
DS12847 - Rev 1
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com