Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW12N170K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW12N170K5
Description  N-channel 1700 V, 2.3 Ω typ., 5 A, MDmesh™K5 Power MOSFET in a TO??47 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12N170K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STW12N170K5 Datasheet HTML 1Page - STMicroelectronics STW12N170K5 Datasheet HTML 2Page - STMicroelectronics STW12N170K5 Datasheet HTML 3Page - STMicroelectronics STW12N170K5 Datasheet HTML 4Page - STMicroelectronics STW12N170K5 Datasheet HTML 5Page - STMicroelectronics STW12N170K5 Datasheet HTML 6Page - STMicroelectronics STW12N170K5 Datasheet HTML 7Page - STMicroelectronics STW12N170K5 Datasheet HTML 8Page - STMicroelectronics STW12N170K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TO-247
1
2
3
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STW12N170K5
1700 V
2.9 Ω
5 A
250 W
•
Industry’s lowest RDS(on) x area
•
Industry’s best FoM (figure of merit)
•
Ultra-low gate charge
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This very high voltage N-channel Power MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary vertical structure. The result is a
dramatic reduction in on-resistance and ultra-low gate charge for applications
requiring superior power density and high efficiency.
Product status link
STW12N170K5
Product summary
Order code
STW12N170K5
Marking
12N170K5
Package
TO-247
Packing
Tube
N-channel 1700 V, 2.3 Ω typ., 5 A, MDmesh™ K5 Power MOSFET
in a TO
‑247 package
STW12N170K5
Datasheet
DS12847 - Rev 1 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STW12N170K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW12N170K5 ISC-STW12N170K5 Datasheet
346Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - STW12N170K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STP4LN80K5 STMICROELECTRONICS-STP4LN80K5 Datasheet
718Kb / 13P
N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
18-May-2016
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com