Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS. Datasheet(PDF) 2 Page - SHIKUES Electronics

Part # B0520WS.
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

B0520WS. Datasheet(HTML) 2 Page - SHIKUES Electronics

  B0520WS. Datasheet HTML 1Page - SHIKUES Electronics B0520WS. Datasheet HTML 2Page - SHIKUES Electronics B0520WS. Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 50Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
05
10
15
20
25
30
00
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
°C
T =75
J
°C
T =100
J
°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
Fig.1 Forward Current Derating Curve
0.1
0.2
0.3
0.4
0.5
0.6
0.0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
Case Temperature (
°C)
Fig.3 TYPICAL FORWARD VOLTAGE
0.1
0.2
0.3
0.4
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.5
0.01
0.1
1.0
10
Fig.4 Typical Junction Capacitance
0.1
Reverse Voltage (V)
10
40
70
100
20
30
100
1
T =100℃
A
T =25℃
A
0.01
100
10
100
1000
Fig.6 Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
2000
REV.08
2 of 3
B0520WS. THRU B0540WS.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com